Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB150W-24S12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CHB150W-24S12
Description  99 TO 150 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB150W-24S12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CHB150W-24S12 Datasheet HTML 1Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE HB
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
All Dimensions In Inches(mm)
Tolerance
Inches: x.xx= ±0.02, x.xxx= ±0.010
Millimeters: x.x= ±0.5, x.xx= ±0.25
NOTE : 1. Nominal Input Voltage 24, 48 VDC
E176177
®
US
CHB150W
99 TO 150 WATT
4:1 INPUT RANGE
DC-DC CONVERTERS
S
E
R
I
E
S
• 99-150W Isolated Output
• 4 : 1 Input Wide Range
• Half-Brick Package
• Efficiency to 90%
Features
• Regulated Outputs
• Remote ON/OFF
• OTP/OVP/OCP
• Continuous Short Circuit Protection
MODEL
NUMBER
CHB150W-24S3V3
CHB150W-24S05
CHB150W-24S12
CHB150W-24S15
CHB150W-24S24
CHB150W-48S3V3
CHB150W-48S05
CHB150W-48S12
CHB150W-48S15
CHB150W-48S24
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
9-36 VDC
18-75VDC
18-75VDC
18-75VDC
18-75VDC
18-75VDC
3.3VDC
5.0VDC
12 VDC
15 VDC
24 VDC
3.3VDC
5.0VDC
12 VDC
15 VDC
24 VDC
0mA
0mA
0mA
0mA
0mA
0mA
0mA
0mA
0mA
0mA
30 A
30 A
12.5 A
10 A
6.5 A
30 A
30 A
12.5 A
10 A
6.5 A
200mA
200mA
100mA
100mA
100mA
100mA
100mA
50mA
50mA
50mA
4741mA
7022mA
6944mA
6944mA
7022mA
2371mA
3511mA
3472mA
3472mA
3511mA
85
87
88
88
88
87
89
90
90
89
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
Half-Brick
% EFF.
SIZE
INPUT
VOLTAGE
OUTPUT CURRENT
INPUT CURRENT
NO LOAD
FULL LOAD
OUTPUT
VOLTAGE
MIN.
MAX.
Specifications
INPUT SPECIFICATIONS:
Input Voltage Range.........................................................24V..............9-36V
48V............ 18-75V
Undervoltage lockout .................................24Vin power up.................8.8V
24Vinpower down ............8.0V
48Vin power up................. .17V
48Vinpower down .............16V
Positive Logic Remote ON/OFF4, 5
Input Filter ............................................................................................ PI Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : .............................................................. ±1.5% max.
Transient Response :25% Step Load Change........................<500µ sec.
External Trim Adj. Range ..................................................................±10%
Ripple & Noise, 20MHz BW
3.3V & 5V ……….….......….... 40mV RMS, max.
100mV pk-pk, max.
12V & 15V ………………….....60mV RMS, max.
150mV pk-pk, max.
24V …………………..……....100mV RMS, max.
240mV pk-pk, max.
Temperature Coefficient........................................................ ±0.03%/˚C
Short Circuit Protection......................................................... Continuous
Line Regulation1 ..................................................................... ±0.2% max.
Load Regulation2 .................................................................. ±0.2% max.
Over Voltage Protection trip Range, % Vo nom.....................115-140%
Current Limit .............................................110% ~140% Nominal Output
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table
Isolation Voltage ...........................Input/Output.............1500VDC min.
Input/Case................. 1500VDC min.
Output/Case.............1500VDC min.
Isolation Resistance .............................................................107 ohm min.
Switching Frequency ............................................................250KHz, Typ.
Operating Case Temperature ........................................-40˚C to 100˚C
Storage Temperature ...................................................-55˚C to +105˚C
Thermal Shutdown, Case Temp. .......................................... 110˚C Typ.
Dimensions ............................................................2.28x2.40x0.52 inches
(57.9x61.0x13.2 mm)
Case Material............................Aluminum Base Plate with Pastic Case
NOTE:
1. Measured From High Line to Low Line
2. Measured From Full Load to Zero Load
3. Output Ripple and Noise measured with 10uF tantalum and 1uF
Ceramic capacitor across output
4. Logic Compatibility ……………... Open Collector ref to -Input
Module ON ………. > 3.5Vdc or Open Circuit
Module OFF ……….. < 1.8Vdc
5. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF
Module ON ………. < 1.8Vdc
Module OFF ……….. >3.5Vdc or Open Circuit
PIN CONNECTION
Pin
Function
1
2
3
4
5
6
7
8
9
+V Input
ON/OFF
CASE
-V Input
-V Output
-Sense
Trim
+Sense
+Vout
ON/OFF (2)
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN (4)
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
2.40
(61.00)
Ø0.08
(2.03)
2pl.
0.50
(12.70)
SIDE VIEW
0.18 min.
(4.60)
2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
1.40
(35.56)
2.00
(50.8)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.26)
2.28
(57.90)
BOTTOM VIEW
Ø0.04
(1.02)
7pl.
Remote On/Off Control
ON/OFF (2)
HIGH SIGNAL HERE
DISABLE OUTPUT
-VIN (4)
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
2.40
(61.00)
Ø0.08
(2.03)
2pl.
0.50
(12.70)
SIDE VIEW
0.18 min.
(4.60)
2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
1.40
(35.56)
2.00
(50.8)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.26)
2.28
(57.90)
BOTTOM VIEW
Ø0.04
(1.02)
7pl.
External Output Trim
NEW
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CHB150W-24S12

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB150W-24S12 CINCON-CHB150W-24S12 Datasheet
204Kb / 2P
   99 - 150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB150W-24S12

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB150W CINCON-CHB150W Datasheet
204Kb / 2P
   99 - 150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB150 CINCON-CHB150 Datasheet
126Kb / 2P
   99 - 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
RSG Electronic Componen...
CQB100W RSG-CQB100W Datasheet
136Kb / 1P
   100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC4BW CINCON-EC4BW Datasheet
322Kb / 2P
   10 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
   15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC1SC01 CINCON-EC1SC01 Datasheet
195Kb / 2P
   20 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
EC3AW CINCON-EC3AW Datasheet
187Kb / 2P
   3 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
RSG Electronic Componen...
CQB75W RSG-CQB75W Datasheet
135Kb / 1P
   75 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
CHB100W RSG-CHB100W Datasheet
169Kb / 1P
   66 TO 100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
CQB150W-24S05 CINCON-CQB150W-24S05 Datasheet
616Kb / 2P
   150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com