Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73HD325 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS73HD325
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73HD325 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73HD325 Datasheet HTML 3Page - Texas Instruments TPS73HD325 Datasheet HTML 4Page - Texas Instruments TPS73HD325 Datasheet HTML 5Page - Texas Instruments TPS73HD325 Datasheet HTML 6Page - Texas Instruments TPS73HD325 Datasheet HTML 7Page - Texas Instruments TPS73HD325 Datasheet HTML 8Page - Texas Instruments TPS73HD325 Datasheet HTML 9Page - Texas Instruments TPS73HD325 Datasheet HTML 10Page - Texas Instruments TPS73HD325 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS167C – SEPTEMBER 1998 – REVISED – MAY 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VI(IN) = 4.3 V, IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω, SENSE/FB
shorted to OUT (unless otherwise noted) (continued)
2.5-V regulator (TPS73HD325)
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
VO
Output voltage
43 V
≤ VI ≤ 10 V
25
°C
2.45
2.5
2.55
V
VO
Output voltage
4.3 V
≤ VI ≤ 10 V
–40
°C to 125°C
2.425
2.575
V
Dropout voltage
IO = 750 mA,
VI = 3.5 V
–40
°C to 125°C
800
mV
Input regulation
50
µA ≤ IO ≤ 750 mA, See NOTE 2
25
°C
6
mV
Output regulation
IO = 5 mA to 750 mA, See NOTE 2
25
°C
20
mV
Output regulation
IO = 50 µA to 750 mA, See NOTE 2
25
°C
25
mV
Ripple rejection
f = 120 Hz,
IO = 50 µA
25
°C
51
dB
Ripple rejection
f = 120 Hz,
IO = 500 mA
25
°C
49
dB
Output noise-spectral density
f = 120 Hz
25
°C
2
mV/
√Hz
10 H
≤ f ≤ 100 kH
CL = 4.7 µF
25
°C
274
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR = 1
CL = 10 µF
25
°C
228
µV/rms
CSR = 1
CL = 100 µF
25
°C
159
V(TO)
Trip-threshold voltage
(RESET)
VO decreasing
–40
°C to 125°C
2.172
V
Vhys
Hysteresis voltage (RESET)
25
°C
18
mV
VOL
Low-level output voltage
VI =2 8V
IO(RESET) =1 mA
25
°C
0.17
0.4
V
VOL
g
(RESET)
VI = 2.8 V,
IO(RESET) = –1 mA
–40
°C to 125°C
0.4
V
† CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor, any
series resistance added externally, and PWB trace resistance to CL.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Pass-element series resistance measured with sense pin disconnected from output to allow output voltge to rise to full saturation.
switching characteristics
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
Time out delay (RESET)
See Figure 3
25
°C
140
200
260
ms
Time-out delay (RESET)
See Figure 3
–40
°C to 125°C
100
300
ms


Similar Part No. - TPS73HD325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD325 TI1-TPS73HD325 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWP TI1-TPS73HD325PWP Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWPG4 TI1-TPS73HD325PWPG4 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWPR TI1-TPS73HD325PWPR Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS73HD325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com