Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73HD325 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS73HD325
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73HD325 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73HD325 Datasheet HTML 1Page - Texas Instruments TPS73HD325 Datasheet HTML 2Page - Texas Instruments TPS73HD325 Datasheet HTML 3Page - Texas Instruments TPS73HD325 Datasheet HTML 4Page - Texas Instruments TPS73HD325 Datasheet HTML 5Page - Texas Instruments TPS73HD325 Datasheet HTML 6Page - Texas Instruments TPS73HD325 Datasheet HTML 7Page - Texas Instruments TPS73HD325 Datasheet HTML 8Page - Texas Instruments TPS73HD325 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS73HD301, TPS73HD318, TPS73HD325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS167C – SEPTEMBER 1998 – REVISED – MAY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VI(IN) = 4.3 V, IO = 10 mA, EN = 0 V, CO = 4.7 µF/CSR= 1 Ω,
SENSE/FB shorted to OUT (unless otherwise noted) (continued)
adjustable regulator
PARAMETER
TEST CONDITIONS‡
TJ
MIN
TYP
MAX
UNIT
Reference voltage (1FB)
5 mA
≤ IO ≤ 750 mA,
25
°C
1.182
V
Reference voltage (1FB)
O
,
See NOTE 2
–40
°C to 125°C
1.147
1.217
V
Reference voltage temperature coef-
ficient
–40
°C to 125°C
61
75
ppm/
°C
50
µA ≤ IO ≤ 750 mA,
25
°C
0.52
1
Pass-element series resistance (see
µ
O
,
See NOTE 2
–40
°C to 125°C
1
(
Note 3)
VI = 3.9 V,
50
µA ≤ IO ≤ 750 mA
25
°C
0.32
VI = 5.9 V,
50
µA ≤ IO ≤ 750 mA
25
°C
0.23
Input regulation
VI = 3.5 V,
50
µA ≤ IO ≤ 750 mA
25
°C
3
mV
Output regulation
IO = 5 mA to 750 mA,
See NOTE 2
25
°C
7
mV
Output regulation
IO = 50 µA to 750 mA,
See NOTE 2
25
°C
10
mV
Ripple rejection
f = 120 Hz,
IO = 50 µA
25
°C
59
dB
Ripple rejection
f = 120 Hz,
IO = 500 mA
25
°C
54
dB
Output noise-spectral density
f = 120 Hz
25
°C
2
mV/
√Hz
10 H
≤ f ≤ 100 kH
CL = 4.7 µF
25
°C
95
Output noise voltage
10 Hz
≤ f ≤ 100 kHz,
CSR = 1
CL = 10 µF
25
°C
89
µV/rms
CSR = 1
CL = 100 µF
25
°C
74
V(TO) Trip-threshold voltage (RESET)§
VO(FB) decreasing
–40
°C to 125°C
1.101
1.145
V
Vhys
Hysteresis voltage (RESET)§
Measured at VO(ER)
25
°C
12
mV
VOL
Low level output voltage (RESET)§
VI =2 13 V
IO(RESET) = 400 µA
25
°C
0.1
0.4
V
VOL
Low-level output voltage (RESET)§
VI = 2.13 V,
IO(RESET) = 400 µA
–40
°C to 125°C
0.4
V
II
Input current (1FB)
25
°C
–10
0.1
10
nA
II
Input current (1FB)
–40
°C to 125°C
–20
20
nA
† CSR (compensation series resistance) refers to the total series resistance, including the equivalent series resistance (ESR) of the capacitor,
any series resistance added externally, and PWB trace resistance to CL.
‡ Pulse-testing techniques are used to maintain virtual junction temperature as close as possible to ambient temperature; thermal effects must
be taken into account separately.
§ Output voltage programmed to 2.5 V with closed-loop configuration (see application information)
NOTE 3: To calculate dropout voltage, use equation:
V
DO +
I
O
r
DS(ON)
rDS(ON) is a function of both output current and input voltage. This parametric table lists rDS(ON) for VI = 3.9 V and 5.9 V, which corresponds to
dropout conditions for programmed output voltages of 4 V and 6 V respectively. For other programmed values, refer to Figure 29.


Similar Part No. - TPS73HD325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD325 TI1-TPS73HD325 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWP TI1-TPS73HD325PWP Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWPG4 TI1-TPS73HD325PWPG4 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD325PWPR TI1-TPS73HD325PWPR Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS73HD325

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
   2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com