Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70158PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70158PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70158PWP Datasheet(HTML) 3 Page - Texas Instruments

  TPS70158PWP Datasheet HTML 1Page - Texas Instruments TPS70158PWP Datasheet HTML 2Page - Texas Instruments TPS70158PWP Datasheet HTML 3Page - Texas Instruments TPS70158PWP Datasheet HTML 4Page - Texas Instruments TPS70158PWP Datasheet HTML 5Page - Texas Instruments TPS70158PWP Datasheet HTML 6Page - Texas Instruments TPS70158PWP Datasheet HTML 7Page - Texas Instruments TPS70158PWP Datasheet HTML 8Page - Texas Instruments TPS70158PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS70145, TPS70148, TPS70151, TPS70158, TPS70102
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS222A – DECEMBER 1999 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed block diagram – fixed voltage version
UVLO
Thermal
Shutdown
Shutdown
V_UVLO
+
Current
Sense
Reference
VREF
VREF
ENA_1
ENA_1
10 k
Rising Edge
Deglitch
0.95
× VREP
FB2
Falling Edge
Delay
VIN1
PG1 Comp
0.95
× VREF
FB1
Rising Edge
Deglitch
Falling Edge
Deglitch
0.83
× VREF
FB2
UV Comp
Falling Edge
Deglitch
0.83
× VREF
FB1
UV Comp
Power
Sequence
Logic
SHUTDOWN
ENA_!
ENA_2
VCC
Current
Sense
+
10 k
ENA_2
ENA_2
FB2
VREF
VIN1 (2 Pins)
GND
EN
SEQ
(see Note B)
VIN2 (2 Pins)
VOUT1 (2 Pin)
VSENSE1
(see Note A)
PG1
MR2
RESET
MR1
VSENSE2
(see Note A)
VOUT2(2 Pin)
FB1
VCC
NOTES: A. For most applications, VSENSE1 and VSENSE2 should be externally connected to VOUT as close as possible to the device.
For other implementations, refer to SENSE terminal connection discussion in Application information section.
B. If the SEQ terminal is floating at the input, the VOUT2 will power-up first.


Similar Part No. - TPS70158PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70158PWP TI1-TPS70158PWP Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWP TI1-TPS70158PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWP TI-TPS70158PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70158PWPG4 TI1-TPS70158PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWPG4 TI-TPS70158PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Similar Description - TPS70158PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com