Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS70158PWP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70158PWP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70158PWP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS70158PWP Datasheet HTML 4Page - Texas Instruments TPS70158PWP Datasheet HTML 5Page - Texas Instruments TPS70158PWP Datasheet HTML 6Page - Texas Instruments TPS70158PWP Datasheet HTML 7Page - Texas Instruments TPS70158PWP Datasheet HTML 8Page - Texas Instruments TPS70158PWP Datasheet HTML 9Page - Texas Instruments TPS70158PWP Datasheet HTML 10Page - Texas Instruments TPS70158PWP Datasheet HTML 11Page - Texas Instruments TPS70158PWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS70145, TPS70148, TPS70151, TPS70158, TPS70102
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS222A – DECEMBER 1999 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature (TJ = –40°C to 125°C)
VI = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 33 µF(unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid RESET
I(RESET) = 300 µA,
V(RESET) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
98%
VO
Hysteresis voltage
Measured at VO
0.5%
VO
RESET
t(RESET)
RESET pulse duration
80
120
160
ms
tr(RESET)
Rising edge deglitch
30
µs
Output low voltage
VI = 3.5 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 6 V
1
µA
Minimum input voltage for valid PG
IO(PG) = 300 µA,
V(PG1) ≤ 0.8 V
1.0
1.3
V
Trip threshold voltage
VO decreasing
92%
98%
VO
PG
Hysteresis voltage
Measured at VO
0.5%
VO
PG
tr(PG1)
Rising edge deglitch
30
µs
Output low voltage
VI = 2.7 V,
IO(PG) = 1 mA
0.15
0.4
V
Leakage current
V(PG1) = 6 V
1
µA
High level EN input voltage
2
V
EN
Low level EN input voltage
0.7
V
EN
Input current (EN)
–1
1
µA
Falling Edge deglitch
Measured at VO
140
µs
High level SEQ input voltage
2
V
SEQ
Low level SEQ input voltage
0.7
V
SEQ
Falling edge deglitch
Measured at VO
140
µs
SEQ pull up current source
6
µA
High level input voltage
2
V
MR1 / MR2
Low level input voltage
0.7
V
MR1 / MR2
Falling edge deglitch
Measured at VO
140
µs
Pull up current source
6
µA
V
VOUT2 UV comparator – positive-going input
threshold voltage of VOUT1 UV comparator
80% VO
83% VO 86% VO
V
V
VOUT2 UV comparator – hysteresis
0.5% VO
mV
VOUT2
VOUT2 UV comparator – falling edge deglitch
VSENSE_2 decreasing below threshold
140
µs
Peak output current
2 ms pulse width
375
mA
Discharge transistor current
VOUT2 = 1.5 V
7.5
mA
V
VOUT1 UV comparator – positive-going input
threshold voltage of VOUT1 UV comparator
80% VO
83% VO 86% VO
V
V
VOUT1 UV comparator – hysteresis
0.5% VO
mV
V
VOUT1 UV comparator – falling edge deglitch
VSENSE_1 decreasing below threshold
140
µs
VOUT1
Dropout voltage (see Note 4)
IO = 500 mA, VIN1 = 3.2 V
170
mV
Dropout voltage (see Note 4)
IO = 500 mA,
VIN1 = 3.2 V
275
mV
Peak output current
2 ms pulse width
750
mA
Discharge transistor current
VOUT1 = 1.5 V
7.5
mA
VOUT1 UVLO
UVLO threshold
2.4
2.65
V
FB
Input current – TPS70102
FB = 1.8 V
2
nA
NOTE 4: Input voltage(VIN1 or VIN2) = VO(Typ) – 100 mV. 1.5 V, 1.8 V and 2.5 V regulators, the dropout voltage is limited by input voltage range.
The 3.3 V regulator input voltage is to 3.2 V to perform this test.


Similar Part No. - TPS70158PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70158PWP TI1-TPS70158PWP Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWP TI1-TPS70158PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWP TI-TPS70158PWP Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
TPS70158PWPG4 TI1-TPS70158PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70158PWPG4 TI-TPS70158PWPG4 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results

Similar Description - TPS70158PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70745 TI-TPS70745 Datasheet
505Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com