Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD-974 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # TSD-974
Description  OFF-LINE SWITCH MODE TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

TSD-974 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  TSD-974 Datasheet HTML 1Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 2Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 3Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 4Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 5Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 6Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 7Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 8Page - Premier Magnetics, Inc. TSD-974 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pol 03/04
OFF-LINE
SWITCH MODE
TRANSFORMERS
Indicated Parts are UL1950 & CSA-950 Recognized under UL File# E162344
* Designed for Use with Power Integrations IC's.
* Design Engineering Support Available.
* Designed to Meet UL1950/IEC950 Safety Standards.
* Multiple Configurations.
PremierMagnetics'Off-LineSwitchModeTransformershavebeendesignedforusewithPowerIntegrations,Inc.TOPXXX
series of off-line PWM switching regulators in the Flyback Buck-Boost circuit configuration. This conversion topology can
provide isolated multiple outputs with efficiencies up to 90%. Premiers' Switching Transformers have been optimized to
provide maximum power throughput.
The TOPXXX series from Power Integrations, Inc. are self contained upto 132KHz controlled PWM switching regulators.
This series contains all necessary functions for an off-line switched mode control DC power source. These switching
regulators provide a very simple solution to off-line designs. The inductors and transformer used with the PWR-TOPXXX
are critical to the performance of the circuit. They define the overall efficiency, output power and overall physical size.
Below is a universal input high precision 15V @ 2 Amps (30 watt) application circuit utilizing Power Integrations PWR-
TOP226 switching regulator in the flyback buck-boost configuration. The component values listed are intended for
reference purposes only. The soft start capacitor Css is optional depending on the specific application. Simpler topology
is possible depending on the line/load regulation required.
GENERAL APPLICATION INFORMATION
SCHEMATIC
+
C12
470uF
63V
+/- 30V RTN
+30Vdc
@ 750mA
T1
POL-30208
+
C13
100uF
63V
PRI
1
2
10
VR1
P6KE200A
R2
470
8
R
C
A
TL431
6
1
U2
R5
39
1/4W
C9
0.1uF
C5
47uF
R1
6.2
C8
2.2nF
C7
2.2nF
C7 & C8 = 250Vac
Y-SAFTEY CAPACITORS
KELVIN CONNECT
HIGH VOLTAGE RETURN
CLAMP
NETWORK
EMI FILTER
L4
VTP-01001
10uH @ 1.0A
+
D3
MUR420
C2
47uF
35V
18V RTN
+18Vdc
@ 300mA
+
C3
47uF
35V
6
7
R3
11.0K 1%
R4
1.0K 1%
SEC #1
L2
VTP-01001
10uH @ 1.0A
D2
1N4148
4
5
C4
0.1uF
3
4
C
E
BIAS
1
A
C
2
1/2 OF U3
1/2 OF U3
LINE
NEUT
85-265Vac
50/60Hz
C6
0.1uF
F1
3.1A
250v
L1
PMCU-0330
33mHY
EMI FILTER
C6 = 0.1uF 250Vac
X2-Saftey Cap
12
43
C1
63 uF
400V
HOT RAIL
+90 to 375Vdc
BR1
DF04M
400V, 1.0A
~
~
+
-
+
Css
4.7uF
SOFT
START
PREMIER MAGNETICS PART NUMBERS:
(REQUEST DATA SHEETS BY PART#)
L1 = PMCU-0330 33mHy EMI/RFI CMC
T1 = POL-30208 MAIN SWITCHING TRANSFORMER
L2 = VTP-01001 10uHy, 1.0Amp INDUCTOR
ALUMINUM ELECTROLYTIC FILTER CAPACITOR RATINGS:
+30V OUTPUT: C12 >63V, Ripple Rated > 900m A @ 100KHz @ Max. Op. Temp.
PANASONIC: ECA1JFG471
-30V OUTPUT: C10 >63V, Ripple Rated > 95mA @ 100KHz @ Max. Op. Tem p.
PANASONIC: ECA1JFG100
+18V OUTPUT: C2 >35V, Ripple Rated > 410mA @ 100KHz @ Max. Op. Temp.
PANASONIC: ECAIVFG470
D1
MUR160
(BYV26C)
U3 NEC
PS2501-1
D5
MUR620
+
C10
10uF
63V
-30Vdc
@ 50mA
+
C11
10uF
63V
8
SEC #2
D4 MUR620
9
L3
VTP-01001
10uH @ 1.0A
U1
POWER INT.
PWR-TOP244YAI
PROPERLY SIZED
HEAT SINK
DRAIN
SOURCE
CONTROL


Similar Part No. - TSD-974

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
TSD-902 PMI-TSD-902 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-903 PMI-TSD-903 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-904 PMI-TSD-904 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
TSD-904 PMI-TSD-904 Datasheet
43Kb / 2P
   LOW COST TOROIDAL POWER INDUCTORS
TSD-906 PMI-TSD-906 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
More results

Similar Description - TSD-974

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PNY-05015 PMI-PNY-05015 Datasheet
189Kb / 8P
   OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
PNK-30001 PMI-PNK-30001 Datasheet
85Kb / 3P
   OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com