Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTP-07012 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # VTP-07012
Description  LOW COST TOROIDAL POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

VTP-07012 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  VTP-07012 Datasheet HTML 1Page - Premier Magnetics, Inc. VTP-07012 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
vtp 5/98
LOW COST
TOROIDAL
POWER INDUCTORS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
PART
NUMBER
Ln
(
µH)
DCR
(Ohm)
I1
(dc A)
L1
(
µH)
@
T1
(OC)
I2
(dc A)
L2
(
µH)
@
T2
(OC)
REF. DIMENSIONS IN INCHES
A
VT/B
HT/B
C
PIN OD
VTP-00301
3
0.020
3
1
10
2.8
2
30
.32
.15
.13
.30
.016
VTP-01001
10
0.032
10
1
12
9
2
46
.33
.24
.22
.31
.013
VTP-02001
20
0.035
20
1
7
17
2
27
.46
.25
.23
.43
.018
VTP-05001
50
0.061
46
1
6
40
2
23
.60
.32
.30
.57
.020
VTP-10001
100
0.106
91
1
9
75
2
34
.60
.46
.43
.57
.018
VTP-12001
120
0.075 115
1
5
102
2
14
.95
.53
.45
.90
.025
VTP-25001
250
0.168 229
1
7
188
2
27
.93
.46
.44
.90
.020
VTP-01002
10
0.016
10
2
12
8
4
48
.47
.26
.24
.44
.022
VTP-02002
20
0.024
18
2
11
14
4
43
.61
.27
.24
.58
.025
VTP-05002
50
0.031
48
2
5
41
4
20
.95
.49
.45
.91
.032
VTP-07002
70
0.039
61
2
11
48
4
43
.82
.36
.31
.82
.025
VTP-10002
100
0.043
89
2
6
72
4
24
.95
.63
.59
.91
.032
VTP-25002
250
0.068 222
2
6
178
4
24
1.24
.71
.67
1.20
.032
VTP-01005
10
0.006
10
5
6
8
10
22
1.00
.53
.47
.93
.051
VTP-02005
20
0.008
18
5
7
14
10
27
1.00
.67
.61
.93
.051
VTP-05005
50
0.013
47
5
7
36
10
27
1.29
.75
.69
1.22
.051
VTP-10005
100
0.023
83
5
11
61
10
44
1.54
.59
.53
1.48
.051
VTP-15005
150
0.029 122
5
9
90
10
34
1.85
.75
.69
1.79
.051
VTP-20005
200
0.033 155
5
10
109
10
39
1.85
.75
.69
1.79
.051
VTP-30005
300
0.038 241
5
14
175
10
36
2.18 1.00
.84
2.10
.051
VTP-02007
20
0.005
16
7
9
12
14
33
1.02
.70
.62
.95
.064
VTP-05007
50
0.009
42
7
8
31
14
30
1.58
.63
.55
1.50
.064
VTP-10007
100
0.015
78
7
9
55
14
34
1.88
.78
.70
1.80
.064
VTP-15007
150
0.025 145
7
7
110
14
26
2.35 1.25 1.18
2.28
.064
VTP-20007
200
0.030 177
7
8
131
14
29
2.35 1.25 1.18
2.28
.064
VTP-03408
34
0.008
26
8
16
22
12
30
1.25 0.62 0.55
1.23
.055
VTP-00510
5
0.005
5
10
12
4
16
25
1.03
.70
.65
.95
.064
VTP-01510
15
0.004
12
10
40
11
14
50
1.33
.80
.71
1.24
.064
VTP-05010
50
0.010
40
10
12
32
16
31
1.87
.78
.70
1.80
.064
VTP-25010
250
0.027 152
10
32
125
14
50
2.19 1.10
.85
2.10
.055
TSD-904
1.4
0.0017
1.2
11
25
1.0
15
40
0.75 0.40
.27
n/a
.051
VTP-07012
70
0.009
60
12
15
54
16
23
2.21
.98
.88
2.12
.018
VTP-01020
11
0.0025
8.5 20
30
7.5
25
42
1.45
.85
.73
1.26
.080
VTP-01025
12
0.0023
9.4 25
27
8.7
30
33
2.25
.95
.75
1.85
.100
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERTURE RANGE
-25OC TO +80OC
FEATURES
Ê
Powdered Iron Toroidal Construction.
Ë
Optimized For Use as High Frequency DC Chokes.
Ì
Temp Rise Data: Ripple Currents < 10% @ 100KHz
Í
Low Cost Self Lead Construction.
NOTES: Temp Rise T1 & T2 are calculated.
1) Ln = Nominal Ind. @ 0.0Adc
L1 = Nominal Ind. @ I1 Adc, T1 Temp Rise
L2 = Nominal Ind. @ I2 Adc, T2 Temp Rise
2) I1 Represents a 1-20% Drop in Ln
I2 Represents a 20-40% Drop in Ln


Similar Part No. - VTP-07012

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
VTP100 PERKINELMER-VTP100 Datasheet
25Kb / 1P
   VTP Process Photodiodes
VTP100C PERKINELMER-VTP100C Datasheet
26Kb / 1P
   VTP Process Photodiodes
VTP1012 PERKINELMER-VTP1012 Datasheet
26Kb / 1P
   VTP Process Photodiodes
logo
Tyco Electronics
VTP110F MACOM-VTP110F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
VTP110F MACOM-VTP110F Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - VTP-07012

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
LCP1-3.00-2.2 TALEMA-LCP1-3.00-2.2 Datasheet
74Kb / 2P
   Miniature Low Cost Toroidal Inductors
LC1-3.00-2.2 TALEMA-LC1-3.00-2.2 Datasheet
56Kb / 1P
   Miniature Low Cost Toroidal Inductors
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
List of Unclassifed Man...
LSRC2-4R7M ETC-LSRC2-4R7M Datasheet
292Kb / 1P
   Low Cost Power Inductors
logo
Abracon Corporation
ATCA-SERIES ABRACON-ATCA-SERIES Datasheet
433Kb / 4P
   LOW EMI TOROIDAL INDUCTORS
06/10/2016
logo
Cooper Bussmann, Inc.
CTX100-5-52-R COOPER-CTX100-5-52-R Datasheet
238Kb / 4P
   LOWCOST POWER INDUCTORS Toroidal Inductors
logo
List of Unclassifed Man...
HM53 ETC-HM53 Datasheet
64Kb / 5P
   High Power Low Cost Inductors
logo
Bi technologies
HM53 BITECH-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
logo
TT Electronics.
HM53 TTELEC-HM53 Datasheet
1Mb / 4P
   High Power Low Cost Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com