Part Name
         Description
TSD-989

 SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS ( 4 Page)


PMI
100% 
Zoom Out Zoom In
   
 1 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmsm 6/97
SWITCH MODE DC/DC
POWER CONVERSION
TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
!
Designed for use with Leading Controller Chips
"
Design Engineenring Support Available.
#
Provides DC/DC Conversion & Isolation
$
Multiple Configurations.
GENERAL APPLICATION INFORMATION
SCHEMATIC
Premier Magnetics' Switch Mode Output transformers have been designed for use with the most popular current-
mode switching regulators such as Linear Technologies LT1X7X & National Semiconductors LM25XX series of High
Efficiency Switching Regulators. These output transformers have been optimized to provide maximum power
throughput in the smallest packages currently available. This combination of components finds wide use in
Distributed Power Systems where a main dc voltage bus is converted for use on or near the circuits being served.
These types of switching regulators provide a very simple solution to power conversion designs. The inductor or
transformer used are critical to the overall performance of the converter and typically define the overall efficiency,
output power and physical size.
The following tables of transformers were designed for use in the Flyback Buck-Boost circuit configuration. This
conversion topology allows the output voltage to be regulated higher or lower than the input voltage. It can also
provide isolated or non-isolated multiple outputs. Typical efficiency of this topology is 75%.
Below is a typical application circuit utilizing Linear Technologies LT1X7X switching regulator in the flyback buck-
boost configuration. The use of Premiers VTP-01XXX or VTK-01XXX optional output filter choke will drastically reduce
output ripple and noise. The component values listed are intended for reference purposes only. The Output Filter(s),
Damper Network & Foldback Current Limiting Network are optional depending on the specific application.
General Component Values:
R3 = 1.0K 1/8W
D1 = MBRXXX, Schottky Rectifier
C3 = 2.2uF Film
D2 = MBRXXX, Schottky Rectifier
R4 = 1.5K 1W Snubber
D3 = MBRXXX, Schottky Rectifier
C4 = .47uF Film
C1 = Electrolytic
R5 = 2.0K 1W
C7 = Electrolytic
C5 = 0.1uF Ceramic
R6 = 1% Metal Film as needed.
L1 = 10uHy @ Rated DC amps (VTP-XXXX)
C6 = 1000uF Electrolytic
L2 = 10uHy @ Rated DC amps (VTP-XXXX)
C8 = 1000uF Electrolytic
R1 = 1% Metal Film, For 5Vdc = 3.0K, For 9Vdc = 9.09K
R1 = [Vout-Vref/Vref] * R2, where Vref = 1.244 for LT1X7X series
R2 = 1% Metal Film, For 5Vdc = 1.0K, For 9Vdc = 1.5K
C2 = Input Bypass Capacitor 100uF Electrolytic
R1
+Vin
Np:Ns1
R4
C4
D2
R5
C5
R3
C3
R2
+
C2
RC Snubber
Damper
**
Np:Ns2
++
D1
C1
L1
OUTPUT FILTER
C6
+Vout1
++
D3
C7
-Vout2
+Vout2
Isolated Output
L2
OUTPUT FILTER
C8
T1
Vin
Vsw
FB
Vc
GND
E1 E2
Linear Technology
LT-1X70 = 5A
LT-1X71 = 2.5A
LT-1X72 = 1.25A
LT-107X = 40KHz
LT-117X = 100KHz
R6
FLYBACK Buck-Boost CONVERTER USING LT1X7X



Html Pages

1  2  3  4 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl