Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ3-64GYD2 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # RJ3-64GYD2
Description  RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

RJ3-64GYD2 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  RJ3-64GYD2 Datasheet HTML 1Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 2Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 3Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 4Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 5Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 6Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 7Page - Premier Magnetics, Inc. RJ3-64GYD2 Datasheet HTML 8Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULES
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630. TEL: 949-452-0511. FAX: 949-452-0512.
www.premiermag.com
Page 1
FEATURES
• Magnetic designs to support every PHY.
• Minimum 1500Vrms isolation per IEEE 802.3 requirement
• Meet or exceed IEEE 802.3 and ANSI X3.263 standards.
• Designed for 100 base transmission over UTP-5 cable.
• including 350uH min OCL with 8mA bias.
• Size same as RJ-45 modular jack to save PCB board Space.
ELECTRICAL SPECIFICATIONS
@25
℃-Operating temperature 0℃ TO 70℃
Part
Number
Turns
Ratio
±5%
EMI
Fingers
LED
(L/R)
Insertion
Loss
(dB max)
Return
Loss
(dB min @100Ω±15Ω)
Crosstalk
(dB min)
Common Mode
Rejection
(dB min)
Hipot
(Vrms)
TX
RX
0.3-100
MHz
1- 30
MHz
40
MHz
50
MHz
60-80
MHz
30
MHz
60
MHz
100
MHz
30
MHz
60
MHz
100
MHz
RJ3-60X
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
RJ3-61X
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
RJ3-62X
1CT:1
1CT:1CT
YES
N/A
-1
-18
-16
-14
-12
-45
-40
-35
-35
-30
-25
1500
RJ3-69GYDNW2
1CT:1
1CT:1
NO
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-69ND2
1CT:1
1CT:1
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-69GYD2
1CT:1
1CT:1
YES
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64NW2
1CT:1CT
1CT:1CT
NO
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64GYDNW2
1CT:1CT
1CT:1CT
NO
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64ND2
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64GYD2
1CT:1CT
1CT:1CT
YES
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64GGD2
1CT:1CT
1CT:1CT
YES
G/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-61ND2
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64AND2
1CT:1.414CT
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-64AGGD2
1CT:1.414CT
1CT:1CT
YES
G/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62ANW2
1CT:1
1CT:1CT
NO
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62AGYDNW2
1CT:1
1CT:1CT
NO
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62AGGDNW2
1CT:1
1CT:1CT
NO
G/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62AND2
1CT:1
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62AGYD2
1CT:1
1CT:1CT
YES
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62AGGD2
1CT:1
1CT:1CT
YES
G/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62ADGD2
1CT:1
1CT:1CT
YES
YG/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-62CGYD2
1CT:1
1CT:1CT
YES
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-60CND2
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-60VGYD2
1CT:1CT
1CT:1CT
YES
G/Y
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-61FND2
1CT:1CT
1CT:1CT
YES
N/A
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
RJ3-66YGDNW2
1CT:1CT
1CT:1CT
NO
Y/G
-1
-18
-16
-12
-10
-40
-35
-30
-30
-20
-20
1500
PART NUMBER: RJ3 – 6XX
GYD
NW
2
A
B
C
D
E
A: SERIES
B: SCHEMATICS
C: LED
D: MECHANICAL
E: GOLD PLATING(1=3u, 2=6u, 3=15u, 4=30u, 5=50u)


Similar Part No. - RJ3-64GYD2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RJ3264 SAMSUNG-RJ3264 Datasheet
4Mb / 20P
   Passive components sales offices
logo
Superworld Electronics
RJ3Z01Y2100001 SUPERWORLD-RJ3Z01Y2100001 Datasheet
421Kb / 2P
   RJ45USB Stack 2.0 W/LED & Transfomer
More results

Similar Description - RJ3-64GYD2

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
N5447F MPSIND-N5447F Datasheet
1Mb / 4P
   RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
N5415 MPSIND-N5415 Datasheet
216Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
N5414 MPSIND-N5414 Datasheet
197Kb / 1P
   RJ45 10/100 BASE-T Jack with Magnetic Module
logo
Abracon Corporation
ARJ11B-MBSBQ-A ABRACON-ARJ11B-MBSBQ-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11B-MESCB-A ABRACON-ARJ11B-MESCB-A Datasheet
15Mb / 11P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.21.11
ARJ11G-MASA-A ABRACON-ARJ11G-MASA-A Datasheet
2Mb / 3P
   RJ45 10/100 Base-T Jack with Magnetic Module
04.22.13
ARJ11C-MASAB-B ABRACON-ARJ11C-MASAB-B Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
ARJ11C-MBSAT-A ABRACON-ARJ11C-MBSAT-A Datasheet
5Mb / 8P
   RJ45 10/100/1000 Base-T Jack with Magnetic Module
11.27.13
logo
MPS Industries, Inc.
N5437 MPSIND-N5437 Datasheet
165Kb / 1P
   Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
N5426 MPSIND-N5426 Datasheet
178Kb / 1P
   Vertical Mount 10/100 BASE-T RJ45 Jack With Magnetic Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com