Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6734 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734 Datasheet(HTML) 2 Page - Texas Instruments

  TPS6734 Datasheet HTML 1Page - Texas Instruments TPS6734 Datasheet HTML 2Page - Texas Instruments TPS6734 Datasheet HTML 3Page - Texas Instruments TPS6734 Datasheet HTML 4Page - Texas Instruments TPS6734 Datasheet HTML 5Page - Texas Instruments TPS6734 Datasheet HTML 6Page - Texas Instruments TPS6734 Datasheet HTML 7Page - Texas Instruments TPS6734 Datasheet HTML 8Page - Texas Instruments TPS6734 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
–40
°C to 85°C
TPS6734ID
TPS6734IP
The D package is available taped and reeled. Add the suffix R
to the device type (e.g., TPS6734IDR).
TPS6734 chip information
Thermal compression or ultrasonic bonding can be used on the doped-aluminum bonding pad. Chips can be
mounted with conductive epoxy or a gold-silicon preform. Contact factory for die sales.
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4X4 MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS.
BONDING PAD ASSIGNMENTS
4
3
5
5
6
7
7
8
2
1
(1)
(2)
(3)
(4)
(5)
(5)
(6)
(7)
(7)
92
75
(8)
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734


Similar Part No. - TPS6734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734ID TI-TPS6734ID Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDG4 TI-TPS6734IDG4 Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDRG4 TI-TPS6734IDRG4 Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
More results

Similar Description - TPS6734

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
STMicroelectronics
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
   This document describes a 12 V-350 mA power supply
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com