Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVD-1030 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PVD-1030
Description  SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PVD-1030 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PVD-1030 Datasheet HTML 1Page - Premier Magnetics, Inc. PVD-1030 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pvd 4/97
SHROUDED SPLIT BOBBIN
HIGH ISOLATION
POWER TRANSFORMERS
PVD-XXX MECHANICAL
1
6
6
ML = 2EA THROUGH HOLE
FOR OPTIONAL (#4) MOUNTING SCREW
2.5, 5, 10, 20 VA SIZES ONLY
1
3
4
6
12
10
9
7
H
.187
(4.75)
MIN
12
L
W
C
ML
B
A
A
3
4
E
DxE = 4 EA THROUGH HOLES
FOR OPTIONAL (#6) MOUNTING SCREW
30 & 56 VA SIZES ONLY
WHITE DOT
PIN#1 I.D.
D
-OR-
F
(SQ.)
P
M
PVD-XXXX
YYWW
2.5 1-5/8
1-5/16 1.125
.200
.250
1.000 1-1/16
------
------
.025
5 1-5/8
1-5/16 1.375
.200
.400
1.000 1-1/16
------
------
.025
10 1-7/8
1-9/16 1.375
.200
.400
1.128 1-1/4
------
------
.036
20 2-1/4
1-7/8
1.625
.400
.400
1.436 1-1/2
------
------
.036
30 2-5/8
2-3/16 1.575
.550
.275
1.680
------
1-3/4
2-3/16 .045
56 3.000
2.500
1.820
.600
.300
1.866
------
2.000 2-1/2
.045
L
W
H
NOMINAL DIMENSIONS IN INCHES
SIZE
(VA)
A
B
C
ML
D1
E1
F
NOTES:
1) 4-HOLE CORNER PATTERN
APPLIES TO 30 & 56VA SIZES ONLY
2) WHITE DOT ON TOP OF PART
DENOTES PIN#1
VARIATIONSAVAILABLE.FORINTERMEDIATEVALUESAND/ORCUSTOM
DESIGNSPLEASECONSULTTHEFACTORY.


Similar Part No. - PVD-1030

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
PVD BANNER-PVD Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
logo
International Rectifier
PVD10 IRF-PVD10 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
logo
Banner Engineering Corp...
PVD100 BANNER-PVD100 Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
PVD100Q BANNER-PVD100Q Datasheet
637Kb / 8P
   PVD Series Parts Verification Sensor
logo
International Rectifier
PVD1052 IRF-PVD1052 Datasheet
79Kb / 6P
   Microelectronic Power IC BOSFET Photovoltaic Relay Single-Pole, 160mA, 0-100V DC
More results

Similar Description - PVD-1030

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PSB-101 PMI-PSB-101 Datasheet
71Kb / 2P
   SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Pulse A Technitrol Comp...
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com