Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-WT75 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-WT75
Description  WIDEBAND RF PULSE COUPLING TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-WT75 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-WT75 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-WT75 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-WT75 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-wt 08/99
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
!
Designed for use in 50
Ω WideBand R.F. and Fast Rise Time Applications
"
Impedance Levels from 12.5 to 800 Ohms
#
Frequency Range 10 KHz to 500 MHz
$
Low Insertion Loss, 500Vrms Isolation
%
6-Pin DIP & Gull Wing Packages
SCHEMATIC "A"
SCHEMATIC "B"
SCHEMATIC "C"
SCHEMATIC "D"
SCHEMATIC "E"
PRIMARY
Inductance
(
µµµµµH Min.)
Sch-
matic
ET
V-
µµµµµsec
(Min.)
TURNS
RATIO
(± 5%)
PM-WT01
1:1
80
2.50
2.20
12
0.15
0.20
0.20
0.05
110
B
PM-WT02
1:2
40
2.00
3.00
15
0.14
0.20
0.30
0.10
110
B
PM-WT03
1:4
20
1.25
6.00
10
0.10
0.20
0.60
0.20
60
B
PM-WT04
1:1ct
80
2.50
3.00
15
0.18
0.20
0.20
0.05
90
E
PM-WT05
1:2ct
40
2.00
3.00
15
0.14
0.20
0.30
0.10
110
E
PM-WT06
1:4ct
20
1.25
6.00
10
0.10
0.20
0.60
0.20
60
E
PM-WT07
1ct:1ct
80
2.50
3.00
15
0.18
0.20
0.20
0.05
90
C
PM-WT08
1ct:2ct
40
2.00
3.00
15
0.14
0.20
0.30
0.10
110
C
PM-WT09
1:1:1
40
2.00
2.00
12
0.10
0.20
0.20
0.10
150
A
PM-WT10
1ct:1ct
800
4.00
6.00
20
0.30
0.26
0.26
0.005 100
C
PART
NUMBER
PRI-SEC
Cw/w
(pf Max.)
PRI / SEC
L
L
(
µµµµµH Max.)
PRI
DCR
(
Ω Max.)
SEC
DCR
(
Ω Max.)
-3dB Bandwidth
MHz
Low
High
Rise
Time
ns Max
THRU HOLE OR SURFACE MOUNT:
Table Part Numbers are THRU HOLE
Change the "T" to "G" for SURFACE MOUNT.
Example:
PM-WT01 = THROUGH-HOLE
PM-WG01 = SURFACE MOUNT
VARIATIONS AVAILABLE. FOR INTERMEDIATE VALUES AND/
OR CUSTOM DESIGNS PLEASE CONSULT THE FACTORY.
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
THRU-HOLE PACKAGE
PM-WTXX
SURFACE MOUNT PACKAGE
PM-WGXX
.020
(0.51)
TYP
.050
(1.27)
TYP
.310
(7.87)
MAX
FLAT
.010
(0.25)
TYP
.425 (10.80)
.390 (9.90)
.030 (0.76)
.020 (0.51)
.008R
(0.20)
.280
(7.11)
MAX
.210
(5.33)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.310
(7.87)
MAX
.300
(7.62)
.340
(8.64)
.008R
(0.20)
.010
(0.25)
.280
(7.11)
MAX
.120
(3.05)
MIN
.210
(5.33)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
6
1
3
4
5
2
PRIMARY
SECONDARY
TERTIARY
6
1
3
4
5
2
6
1
3
4
5
2
6
1
3
4
5
2
6
1
3
4
5
2
MECHANICAL
SCHEMATICS
WIDEBAND RF
PULSE COUPLING
TRANSFORMERS


Similar Part No. - PM-WT75

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PM-WT76 BOTHHAND-PM-WT76 Datasheet
35Kb / 1P
   Fiber Channel Dual Transformer
More results

Similar Description - PM-WT75

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT10910 DATATRONICS-PT10910 Datasheet
48Kb / 1P
   WIDEBAND RF/PULSE TRANSFORMERS
logo
List of Unclassifed Man...
LF-412 ETC-LF-412 Datasheet
113Kb / 1P
   Wideband RF/Pulse Transformers
LF-422 ETC-LF-422 Datasheet
121Kb / 1P
   Wideband RF/Pulse Transformers
logo
SIRENZA MICRODEVICES
TO-212 SIRENZA-TO-212 Datasheet
111Kb / 1P
   Wideband RF/Pulse Transformers.5-650 MHz
TO-222 SIRENZA-TO-222 Datasheet
349Kb / 1P
   Wideband RF/Pulse Transformers.5-450 MHz
TO-230 SIRENZA-TO-230 Datasheet
345Kb / 1P
   Wideband RF/Pulse Transformers .5-100 MHz
LF-412 SIRENZA-LF-412 Datasheet
115Kb / 1P
   Wideband RF/Pulse Transformers .01-25 MHz
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com