Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-OM109 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-OM109
Description  COMMON MODE LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-OM109 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-OM109 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-OM109 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-OM109 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-OM109 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-OM109 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
PM-OMxxx
11/06
COMMON MODE LINE
CHOKES
Ê
For High Frequency Power Supply Applications
Ì
Vertical Mount
Ë
1250 Vrms Isolation Votage
Í
Industry Standard Package
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
RATED
RMSCurrent
Amps
PART
NUMBER
Load VA
@ RMS Line
117V
220V
INDUCTANCE
@ 1KHz
(mHMin.)
L
L
@ 130KHz
(
µH Max.)
DCR
EACH WINDING
(Ohms Max.)
PM-OM01
1.8
210
420
10.0
130
0.240
A
PM-OM02
3.5
400
800
3.0
35
0.060
A
PM-OM03
6.0
700
1400
1.0
12
0.020
A
PM-OM04
2.6
300
600
16.0
180
0.320
B
PM-OM05
3.2
375
750
8.0
90
0.120
B
PM-OM06
5.2
600
1200
4.0
45
0.040
B
PM-OM07
7.5
875
1750
2.0
25
0.020
B
PM-OM13
6.0
700
1400
1.0
12
0.020
C
PACKAGE
2
1
4
3
L1B
L1A
PACKAGE "A"
SCHEMATICS
.800
(20.32)
1.200
(30.48)
MAX
2
4
1
3
.200
(5.08)
1.200
(30.48)
MAX
.400
(10.16)
.650
(16.51)
MAX
POLYESTER
TAPE
PIN #1
PIN #3
.050 DIA
(1.27)
L1B
L1A
.900
(22.86)
1.500
(38.10)
MAX
2
4
1
3
.200
(5.08)
1.370
(35.00)
MAX
.600
(15.24)
.850
(21.59)
MAX
POLYESTER
TAPE
PIN #1
PIN #3
.050 DIA
(1.27)
L1B
L1A
.800
(20.32)
2
4
1
3
.200
(5.08)
1.150
(29.21)
MAX
.400
(10.16)
.550
(13.97)
MAX
PIN #1
PIN #3
.036 DIA
(.91)
L1B
L1A
1.150
(29.21)
MAX
SPACER
PM-OMXX
YYWW
M
P
Physical Dimensions in inches (mm)
PM-OMXX
YYWW
M
P
PACKAGE "B"
PACKAGE "C"
PM-OMXX
YYWW
M
P
Physical Dimensions in inches (mm)


Similar Part No. - PM-OM109

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-OM109

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com