Part Name
         Description
PM-DB2729

 DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL ( 11 Page)


PMI
100% 
Zoom Out Zoom In
 6 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
6
MIL-STD-1553 / MIL-PRF-21038
DATABUS INTERFACE TRANSFORMERS
LOW PROFILE SINGLE/DUAL
ADD "+" ON P/N FOR RoHS COMPLIANCE
pm-dbxxx 01/12/09
DUAL RATIO HT= 0.320"
PM-DB27411
1-3:4-8
2:5
1-3:5-7
4:7
1-3=3.5 11-13=3.5
3000
7/H (.320)
11-13:14-18
2:5
11-13:15-17
4:7
4-8=3.0 14-18=3.0
3000
PM-DB27412
1-3:4-8
1:0.83
1-3:5-7
1:0.6
1-3=3.0 11-13=3.0
3000
7/H (.320)
11-13:14-18
1:0.83
11-13:15-17
1:0.6
4-8=3.0 14-18=3.0
3000
PM-DB27413
1-3:4-8
1.4:1
1-3:5-7
2:1
1-3=3.5 11-13=3.5
7200
7/H (.320)
11-13:14-18
1.4:1
11-13:15-17
2:1
4-8=3.0 14-18=3.0
7200
PM-DB27414
1-3:4-8
1:1
1-3:5-7
1:0.707
1-3=3.0 11-13=3.0
4000
7/H (.320)
11-13:14-18
1:1
11-13:15-17
1:0.707
4-8=3.0 14-18=3.0
4000
PM-DB27415
1-3:4-8
1.25:1
1-3:5-7
1.66:1
1-3=3.2 11-13=3.2
4000
7/H (.320)
11-13:14-18
1.25:1
11-13:15-17
1.66:1
4-8=3.0 14-18=3.0
4000
PM-DB27416
4-8:1-3
2.3:1
5-7:1-3
3.2:1
1-3=1.2 11-13=1.2
3000
8/H (.320)
14-18:11-13
2.3:1
15-17:11-13
3.2:1
5-7=3.0 15-17=3.0
3000
PM-DB27417
4-8:1-3
2.12:1
5-7:1-3
1.5:1
1-3=1.1 11-13=1.1
4000
7/H (.320)
14-18:11-13
2.12:1
15-17:11-13
1.5:1
4-8=3.0 14-18=3.0
4000
PM-DB27418
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0 11-13=1.0
4000
7/H (.320)
11-13:14-18
1:2.5
11-13:15-17
1:1.79
4-8=3.5 14-18=3.5
4000
PART
NUMBER
SCHEMATICS
/
PACKAGE
DCR
(Ohms Max.)
IMPEDANCE
(Ohms MIN.)
TERMINALS
/ RATIO
(± 3%)
TERMINALS
/ RATIO
(± 3%)



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl