Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-T310 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # PM-T310
Description  T3/DS3/E3/STS-1 ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-T310 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  PM-T310 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-T310 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-T310 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-T310 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
3
pmt3 5/99
T3/DS3/E3/STS-1
ISOLATION TRANSFORMERS
A6 MECHANICALS
A6 SCHEMATICS
"A6" PACKAGE DIMENSIONS .... in inches (mm)
.300
(7.62)
MAX
.400
(10.16)
MAX
24 AWG
.020 DIA.
(0.51)
TYP.
.250
(6.35)
MAX.
.130
(3.30)
TYP
.100
(2.54)
TYP
.200
(5.08)
TYP
.300
(7.62)
UNUSED PINS ARE OMMITED
12
3
DOT
DENOTES
PIN #1
65
4
B
A
6
1
5
2
3
4
PRIMARY
SECONDARY
6
1
5
2
3
4
PRIMARY
SEC.
T6 MECHANICALS
T6 SCHEMATICS
"T6" PACKAGE DIMENSIONS .... in inches (mm)
D
A
5
6
2
1
34
SEC.
PRI.
SEC.
PRI.
5
6
2
1
34
M
P PM-T3XX
YYWW
.500
(12.70)
MAX
.350
(8.89)
MAX
.250
(6.35)
MAX
.020
(0.51)DIA
.130
(3.30)
TYP
.340
(8.64)
.400
(10.16)
5
6
2
1
34
.100
(2.54)
UNUSED PINS ARE OMMITED


Similar Part No. - PM-T310

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-T101 PMI-PM-T101 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T101E PMI-PM-T101E Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T102 PMI-PM-T102 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T102E PMI-PM-T102E Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
PM-T103 PMI-PM-T103 Datasheet
137Kb / 5P
   T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
More results

Similar Description - PM-T310

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2B XFMRS-XF04061-2B Datasheet
61Kb / 2P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com