Part Name
         Description
PM-T104

 T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS ( 5 Page)


PMI
100% 
Zoom Out Zoom In
   
 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmt1xx 7/99
TYPICAL APPLICATION
XMiT
RCVE
TRANSMIT
TRANSFORMER
PM-T1XX
RECEIVE
TRANSFORMER
PM-T1XX
COMMON MODE FILTER
PM-SFXX
XMiT
RCVE
TRANSMIT
TRANSFORMER
PM-T1XX
RECEIVE
TRANSFORMER
PM-T1XX
COMMON MODE FILTER
PM-SFXX
TYPICAL APPLICATION
EXTENDED TEMP RANGE
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
PM-T113E 1:1
1.20
0.50
25
0.70
0.70
5-6
T6/H
PM-T114E 1ct:2ct
1.20
0.55
30
0.70
1.10
2-6
T6/I
PM-T115E 1ct:2ct
2.00
0.50
40
0.70
1.40
2-6
T6/I
PM-T116E 2ct:1ct
2.00
1.50
30
0.70
0.40
1-5
T6/C
PM-T117E 1:1ct
0.06
0.75
25
0.60
0.60
2-6
T6/J
PM-T119E 1ct:1
1.20
0.80
25
0.70
0.70
1-5
T6/J
PM-T120E 1:1:1.266
1.50
0.40
35
0.70
0.90
2-6,(1:1=2-6:3-5) T6/J
PM-T108E 1:2ct & 1:2ct
1.20
0.50
30
0.70
1.10
14-12 / 5-7
A7/D
PM-T121E 1:1.15ct & 1:2ct
1.5/1.2
0.6/0.5
35/40
0.70/0.70 1.10/1.30
14-12 /
5-7
A7/D
PM-T109E 1:2ct & 1:1.36
1.20
.5 & .8
35
0.80
1.80
14-12 / 5-7
A7/E
PM-T110E 1ct:2ct & 1:1
1.20
.55 & .50
30
0.7 & 0.7
1.1 & .7
1-3 / 10-8
A7/F
PM-T118E 1:2ct & 1:2ct
2.00
.60 & .60
45
0.7 & 0.7
1.0 & 1.0 14-12 / 10-8
A7/G
PART
NUMBER
Package
/
Schematic
TURNS
RATIO
(±5%)
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(
µ HMax.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
PRIMARY
PINS



Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl