Electronic Components Datasheet Search |
|
TSD-967 Datasheet(PDF) 1 Page - Premier Magnetics, Inc. |
|
TSD-967 Datasheet(HTML) 1 Page - Premier Magnetics, Inc. |
1 / 4 page 20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 • TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com Specifications subject to change without notice. 1 pmis2_7x 10/01 T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS ! Transmit & Receive in a Single SMD Package " Industry Standard SMD Package # 2000Vrms Minimum Isolation Voltage $ Extended Temperature Range Versions ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC Schematic PM-IS20 1:1.38ct 1:1:1 1.20 0.40 35 0.7/1.0 .7/.7/.7 D PM-IS21 1ct:2ct 1:1 1.20 0.40 30 0.7/1.2 0.7/0.7 B PM-IS22 1:2ct 1:1.15ct 1.20 0.40 30 0.7/1.2 0.7/0.8 A PM-IS23 1:1.15ct 1:2ct 1.20 0.40 30 0.7/0.8 0.7/1.2 A PM-IS24 1:2ct 1:1.36ct 1.20 0.40 35 0.7/1.2 0.7/0.9 A PM-IS25 1:2ct 1:1.36 1.20 0.40 35 0.7/1.2 0.7/0.9 C PM-IS26 1:2ct 1:2ct 1.20 0.40 35 0.7/1.2 0.7/1.2 A PM-IS27 1:1.15ct 1ct:2ct 1.20 0.40 30 0.7/0.8 0.7/1.2 E PM-IS63 1ct:2ct 1:1.36ct 1.20 0.60 30 0.7/1.2 0.7/0.9 I PART NUMBER TURNS RATIO (PRI:SEC ± 3%) T1 T2 PRI - SEC L L ( µµµµµH Max.) PRIMARY OCL (mH Min.) PRI - SEC Cw/w (pf Max.) DCR (PRI/SEC Ω Ω Ω Ω Ω Max) T1 T2 ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC EXTENDED TEMP RANGE Tp1: T1 RATIO'S ARE, PINS16-14 : PINS1-2 = 1: 0.027 ; PINS16-14 : PINS2-3 = 1:1.00 ; PINS16-14:PINS1-3 = 1:1.027 (2): 1500Vrms HI-POT NORMAL TEMP RANGE Schematic TSD-967(2) 1:1.27 Tp1 1ct:2ct 1.50/2.0 0.80/0.60 50/45 0.9/1.1 1.0/2.0 E TSD-982(2) 1ct:2ct 1ct:2ct 1.50 0.40 35 0.7/1.4 0.7/1.4 F PM-IS28 1ct:2ct 1ct:2ct 1.50 0.60 45 1.0/2.0 1.0/2.0 F PM-IS29 1ct:2ct 1ct:1ct 1.50 0.60 45 1.0/2.0 1.0/1.0 G PM-IS60 1:1.15ct 1ct:2ct 1.50 0.80 45 0.9/1.0 1.0/2.0 H PM-IS61 1ct:1.15ct 1ct:1.15ct 1.50 0.80 45 1.0/1.0 1.0/1.0 G PM-IS62 1ct:1ct 1ct:1ct 1.50 0.60 45 1.0/1.0 1.0/1.0 G PM-IS64 1:1.27 Tp1 1ct:1ct 1.50/2.0 0.80/0.60 50/45 0.9/1.1 1.0/1.0 E PM-IS65 1ct:2ct 1ct:1ct 1.50 0.60 45 1.0/2.0 1.0/1.0 F PM-IS66 1ct:1.5ct 1ct:2ct 1.50 0.60 45 1.0/2.0 1.0/2.0 F PM-IS67 1ct:2.3ct 1ct:1ct 1.50 0.60 45 1.0/2.0 1.0/1.0 G PM-IS68 1ct:2ct 1ct:2ct 1.50 0.60 45 1.0/2.0 1.0/2.0 J PM-IS69 1:2ct 1:1.36ct 1.50 0.40 45 1.0/2.0 1.0/1.4 A PM-IS70 1ct:2.42ct 1ct:2.42ct 1.20 0.60 25 0.7/1.2 0.7/1.2 J PM-IS71 1:1.14ct 1: 2ct 1.50 0.50 40 0.7/0.9 0.7/1.2 A PM-IS72 1:1.15ct 1ct:2ct 1.50 0.80 40 0.9/1.0 1.0/2.0 E PM-IS73 1ct:2ct 1:1.36ct 1.50 0.60 40 1.0/2.0 1.0/1.4 I PM-IS74 1ct:1ct 1ct:2.4ct 1.00 0.80 30 .85/.85 .85/1.5 G PM-IS75 1ct:3ct 1ct:1ct 1.00 1.0 40 1.0/2.0 1.0/1.0 G PM-IS76 1ct:1ct 1ct:2ct 1.20 0.60 30 1.0/1.00 1.0/2.0 F PM-IS77 1ct:2ct 1:1 1.40 0.50 30 0.7/1.2 0.7/0.7 B PM-IS78 1:1ct 1:1ct 1.2 0.70 22.0 0.8/0.8 0.8/0.8 k PART NUMBER TURNS RATIO (PRI:SEC ± 3%) T1 T2 PRI - SEC L L ( µµµµµH Max.) PRIMARY OCL (mH Min.) PRI - SEC Cw/w (pf Max.) DCR (PRI/SEC Ω Ω Ω Ω Ω Max) T1 T2 |
Similar Part No. - TSD-967 |
|
Similar Description - TSD-967 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |