Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMGD-54 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PMGD-54
Description  GATE DRIVE & BASE DRIVE TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PMGD-54 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PMGD-54 Datasheet HTML 1Page - Premier Magnetics, Inc. PMGD-54 Datasheet HTML 2Page - Premier Magnetics, Inc. PMGD-54 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmgd 04/03
GATE DRIVE
& BASE DRIVE
TRANSFORMERS
.250
(6.35)
MAX
.240
(6.10)
MAX
.334 (8.5)
MAX
.024
(0.6)
.010
(0.25)
PIN
#1
(Dot)
3
2
1
4
5
6
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
Ê
Designs for Gate/Base/Flyback/Push-pull
Í
SMD Industry Standard Packages
Ë
High Isolation Voltages
Î
Operation Temp -40C to +85C
Ì
Designs From 50KHz and up operation frquency
Ï
Multiple Configurations
PMGD-50
1CT : 1CT
800 MIN
3.00
3.50
3.50
1250
EP5G/1
PMGD-51
1CT : 2CT
390 MIN
1.50
2.25
4.50
1250
EP5G/1
PMGD-52
1CT : 2.5CT
390 MIN
1.50
2.25
6.00
1250
EP5G/1
PMGD-53
1CT : 3CT
2000 MIN
1.20
3.00
25.0
1250
EP5G/1
PMGD-54
1 : 1CT
2000 MIN
1.20
2.75
2.75
1250
EP5G/2
PMGD-55
1 : 2CT
17.2 ± 20%
1.00
1.25
3.00
1250
EP5G/2
PMGD-56
1 : 12.04
3.7 ± 20%
0.275
0.90
12.25
550
EP5G/3
PMGD-57
1 : 3.0
9.88 ± 20%
0.500
1.00
3.25
1250
EP5G/4
TURNS
RATIO
(Pri:Sec ± 5%)
PART
NUMBER
PRIMARY
OCL
PRI/SEC
HI-POT
VDC
LEAKAGE
IND
(
µ
µH tpy.)
PACKAGE/
SCHEMATIC
PRI
DCR
(
MAX.)
SEC
DCR
(
MAX.)
EP5G MECHANICAL
P
M
PMGD-XX
YYWW
.22
(5.6)
.059
(1.5)
.043
(1.1)
.073
(1.85)
1
3
6
4
5
6
4
1
3
SECONDARY
PRIMARY
2
#1
1
3
6
4
2
#2
#3
6
4
1
3
SECONDARY
PRIMARY
#4
EP5G SCHEMATICS


Similar Part No. - PMGD-54

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PMGD-03 PMI-PMGD-03 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
PMGD-04 PMI-PMGD-04 Datasheet
37Kb / 2P
   SUPPORT PRODUCTS FOR MICRO LINEAR I.C.S
More results

Similar Description - PMGD-54

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
   Gate Drive Transformers
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
   Gate Drive Transformers
logo
Pulse A Technitrol Comp...
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
   SMT Gate Drive Transformers
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
   Micro Gate Drive Transformers
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
   SMD GATE DRIVE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
   SMT GATE DRIVE TRANSFORMERS
PA0184NLT PULSE-PA0184NLT Datasheet
1Mb / 6P
   SMT Gate Drive Transformers
PA2001NLT PULSE-PA2001NLT Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
logo
EPCOS
B82804A0354A110 EPCOS-B82804A0354A110 Datasheet
579Kb / 5P
   SMT gate drive transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com