Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-MC10 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-MC10
Description  FCC PART68 VOICE/DATA COUPLING TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-MC10 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-MC10 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-MC10 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pmmc 11/04
.197
(5.00)
.098
(2.49)
.400
(10.16)
MAX
.360
(9.14)
MAX
.410
(10.41)
MAX
CORE
CLAMP
.118
(3.00)
TYP
.024
SQ.
1
2
3
.197
(5.00)
6
5
4
PIN #1
DOT
1
2
3
6
5
4
PACKAGE EP7-THRU
SCHEMATIC EP7-THRU
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
M
P PM-MC26
YYWW
3
1
6
4
5
2
PACKAGE EP7-SMD
SCHEMATIC EP7-SMD
SCHEMATIC DIAGRAM
PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches)
1
3
4
6
5
2
RECOMMENDED PCB LAYOUT
.375
(9.53)
.075
(1.91)
.050
(1.27)
.100
(2.54)
.375
(9.53)
MAX
.335
(8.51)
MAX
.394
(10.01)
MAX
.100
(2.54)
.492 (12.5)
.508 (12.9)
.024
(0.6)
.010
(0.25)
CORE
TAPED
PIN
#1
(Dot)
3
2
1
4
5
6
M
P PM-MC27
YYWW
FCC PART68 VOICE/DATA COUPLING
TRANSFORMERS


Similar Part No. - PM-MC10

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PM-M700-TRAE ADVANTECH-PM-M700-TRAE Datasheet
367Kb / 2P
   Modular FPM - Video Input Box Module with 2 I/O Slots
17-Jan-2023
logo
ASM GmbH
PM-MA-301-CT-BRT ASM-SENSOR-PM-MA-301-CT-BRT Datasheet
483Kb / 4P
   Miniatur-Infrarot-Temperatur-Messger채t
More results

Similar Description - PM-MC10

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31000 RHOMBUS-IND-T-31000 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
T-30600 RHOMBUS-IND-T-30600 Datasheet
39Kb / 1P
   Multi-Purpose Voice & Data Coupling Transformers
T-31015 RHOMBUS-IND-T-31015 Datasheet
27Kb / 1P
   Low Profile Voice And Data Coupling Transformer
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Bi technologies
HT81 BITECH-HT81 Datasheet
118Kb / 5P
   HDSL, HDSL2 Coupling Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
   GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Nuvotem Talema
TGJ-50-6C TALEMA-TGJ-50-6C Datasheet
45Kb / 1P
   General Purpose Coupling Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com