Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-IND040 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-IND040
Description  COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IND040 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-IND040 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-IND040 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-IND040 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-indxxx 05/2001
COUPLED INDUCTOR
For Uses in ADSL POTS
Low Pass Filters
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
FEATURES
Ê
Excellent longitudinal balance
Ë
1500v Isolation
Ì
Inductance tolerance ± 5%
Í
DC current up to 100mA
PART
NUMBER
Isolation
(Vrms)
DC R
(each wdg)
(Ω MAX)
Inductance
(each wdg)
(mH)
Function
PM-IND019
1.90±5% 1.8
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND019E 1.90±5% 2.3
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND020
2.00±5% 1.9
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND020E 2.00±5% 2.4
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND024
2.40±5% 2.1
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND024E 2.40±5% 2.7
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND025
2.50±5% 2.2
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND025E 2.50±5% 2.8
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND030
3.0±5%
3.0
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND040
4.0±5%
3.0
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND040E 4.0±5%
4.0
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND045
4.5±5%
3.6
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND045E 4.5±5%
4.5
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND050
5.00±5% 4.0
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND050E 5.0±5%
5.4
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND052
5.25±5% 4.5
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND052E 5.25±5% 5.8
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND055
5.5±5%
4.7
1500 Coupled Inductor for POTS Low Pass Fillter
A/1
PM-IND055E 5.5±5%
6.0
1500 Coupled Inductor for POTS Low Pass Fillter
C/3
PM-IND060
6.0±5%
5.0
1500 Coupled Inductor for POTS Low Pass Fillter
B/2
PM-IND090
9.0±5%
6.0
1500 Coupled Inductor for POTS Low Pass Fillter
B/2
Package
/
Schematics


Similar Part No. - PM-IND040

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS02 PMI-PM-IS02 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS03 PMI-PM-IS03 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS04 PMI-PM-IS04 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS05 PMI-PM-IS05 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
More results

Similar Description - PM-IND040

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-3163C BOTHHAND-AD-3163C Datasheet
85Kb / 1P
   ADSL POTS LOW PASS FILTERS
logo
Micro Electronics
PAI-1801 MICRO-ELECTRONICS-PAI-1801 Datasheet
165Kb / 1P
   COUPLED INDUCTORS FOR USE IN ADSL POTS LOW PASS FILTER
logo
SCHOTT CORPORATION
35096 SCHOTT-35096 Datasheet
17Kb / 1P
   INDUCTOR COUPLED ADSL POTS SPLITTER
logo
Pulse A Technitrol Comp...
B2039A PULSE-B2039A Datasheet
89Kb / 1P
   ADSL POTS LOW PASS FILTER FOR CUSTOMER PREMISES
logo
Bothhand USA, LP.
BCM-2005 BOTHHAND-BCM-2005 Datasheet
145Kb / 1P
   COMMON MODE CHOKE FOR USE IN ADSL POTS LOW PASS FILTE
logo
SCHOTT CORPORATION
35097 SCHOTT-35097 Datasheet
17Kb / 1P
   INDUCTOR COUPLED POTS SPLITTER
logo
XFMRS Inc.
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF5006-AD1S XFMRS-XF5006-AD1S Datasheet
64Kb / 1P
   ADSL COUPLED INDUCTOR
XF0063-AD3 XFMRS-XF0063-AD3 Datasheet
54Kb / 1P
   ADSL Coupled Inductor
XF5006-AD1S XFMRS-XF5006-AD1S Datasheet
64Kb / 1P
   ADSL COUPLED INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com