Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMIS3-20-5-10KHZ Datasheet(PDF) 7 Page - ASM GmbH

Part # PMIS3-20-5-10KHZ
Description  Magnetic Scale Position Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PMIS3-20-5-10KHZ Datasheet(HTML) 7 Page - ASM GmbH

  PMIS3-20-5-10KHZ Datasheet HTML 1Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 2Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 3Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 4Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 5Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 6Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 7Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 8Page - ASM GmbH PMIS3-20-5-10KHZ Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
12
CAT-PM--E-04
ASM GmbH
Tel.: 08123/986-0 Fax: 08123/986-500 www.asm-sensor.com
PMIS3/ PMIB3/-HT/-ST POSIMAG®
Magnetic Scale
Position of the
standard
reference
marks
ERR
Z
A
A
Dimensions
reference
Magnetic period
Switching position A
Total length B
2 mm
20.0 ±1 mm
measurement range + 40 mm
5 mm
2 mm with high profile
60.0 ±1 mm
measurement range + 120 mm
5 mm with high profile
Additional reference marks every 4 mm (period 2 mm) resp. 10 mm (period 5 mm) from the left h. s.
Position of the
end position
marks
Dimensions
end positions
Magnetic period
Switching position A
Total length B
2 mm
21.0 ±1 mm
measurement range + 50 mm
5 mm
22.5 ±1 mm
measurement range + 50 mm
2 mm with high profile
61.0 ±1 mm
measurement range + 130 mm
5 mm with high profile
62.5 ±1 mm
measurement range + 130 mm
E
A
A
B
B


Similar Part No. - PMIS3-20-5-10KHZ

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PMIS3 ASM-SENSOR-PMIS3 Datasheet
637Kb / 7P
   Magnetband-Positionssensor
More results

Similar Description - PMIS3-20-5-10KHZ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
AMM20B5A1CLAS BOURNS-AMM20B5A1CLAS Datasheet
265Kb / 2P
   Multiturn Magnetic Position Sensor
logo
MultiDimension Technolo...
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
   High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
logo
Allegro MicroSystems
A31316 ALLEGRO-A31316 Datasheet
3Mb / 61P
   3D Magnetic Position Sensor IC
Revision 2 November 29, 2022
logo
Bourns Electronic Solut...
AMM20B5A1BLASL380 BOURNS-AMM20B5A1BLASL380 Datasheet
269Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
AMM20B BOURNS-AMM20B_13 Datasheet
264Kb / 2P
   AMM20B Multiturn Magnetic Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com