Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B3AD051510 Datasheet(PDF) 6 Page - Premier Magnetics, Inc.

Part # B3AD051510
Description  MINI DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

B3AD051510 Datasheet(HTML) 6 Page - Premier Magnetics, Inc.

  B3AD051510 Datasheet HTML 1Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 2Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 3Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 4Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 5Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 6Page - Premier Magnetics, Inc. B3AD051510 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
11
1.5 & 3.0 WATT DC/DC CONVERTERS
SCHEMATIC DIAGRAM
SINGLE OUTPUT
SCHEMATIC DIAGRAM
DUAL OUTPUT
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
PIN
NUMBER
SINGLE
OUTPUT
DUAL
OUTPUT
1
+INPUT
+INPUT
2
NC
-OUTPUT
3
NC
COMMON
10
-OUTPUT
COMMON
11
+OUTPUT
+OUTPUT
12
-INPUT
-INPUT
13
-INPUT
-INPUT
14
+OUTPUT
+OUTPUT
15
-OUTPUT
COMMON
22
NC
COMMON
23
NC
-OUTPUT
24
+INPUT
+INPUT
10
11
12
13
2
+Vin
15
14
13
22
23
24
+Vin
-Vout +Vout
+Vout
-Vin
-Vin
DC to DC CONVERTER
NC
NC
NC
NC
-Vout
10
11
12
13
2
+Vin
15
14
13
22
23
24
+Vin
Com
Com
+Vout
+Vout
-Vin
-Vin
DC to DC CONVERTER
-Vout Com
Com
-Vout
1.250
(31.75)
MAX
.420
(10.67)
MAX
.800
(20.32)
MAX
.600
(15.24)
.020 Dia.
(0.51)
TYP.
1.100
(27.94)
TYP
.150
(3.81)
TYP
.100
(2.54)
TYP


Similar Part No. - B3AD051510

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
B3A0A YFWDIODE-B3A0A Datasheet
454Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B3A0B YFWDIODE-B3A0B Datasheet
356Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
B3A0C CHENDA-B3A0C Datasheet
603Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
B3A45VD KEC-B3A45VD Datasheet
8Kb / 1P
   DPAK PACKAGE
logo
Premier Magnetics, Inc.
B3AF050920 PMI-B3AF050920 Datasheet
24Kb / 1P
   TPC RESETING DC/DC CONVERTERS FOR NETWORKING
More results

Similar Description - B3AD051510

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
   2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com