Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-6223 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-6223
Description  10/100 PC CARD LAN MAGMAGNETICS SOLUTION With Various Tx Turns Ratio
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-6223 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-6223 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-6223 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-6223 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-6223 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-6223 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-6223 Datasheet HTML 6Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-6xxx 11/00
10/100 PC CARD LAN
MAGMAGNETICS SOLUTION
With Various Tx Turns Ratio
.530
(13.46)
.035 (0.89) TYP
.600
(15.24)
.100
(2.54)
.10
(2.54)
Typ
.007 (.18) TYP
.020
(.51)
.900
(22.86)
MAX
1
7
8
16
.685
(17.4)
PACKAGE "1"
All Dimensions in inches (mm)
Tolerance: .xxx
±0.010
1
7
8
14
.080
(2.03)
.605
(15.37)
.455
(11.56)
.018
(.46)
.520
(13.21)
.095
(2.41)
MAX
.050
(1.27)
P
M
PM-62XX
YYWW
PACKAGE "2"
P
M
PM-62XX
YYWW
PACKAGE "3"
All Dimensions in inches (mm)
Tolerance: .xxx
±0.010
PACKAGE "4"
.035 (0.89) TYP
.350
(8.89)
.050
(1.27)
.007 (.18) TYP
.018
(.457)
.500
(12.70)
MAX
1
8
9
16
.280
(7.11)
.078
(1.98)
MAX
.380
(9.65)
.035 (0.89) TYP
.350
(8.89)
.050
(1.27)
.007 (.18) TYP
.018
(.457)
.560
(14.22)
1
8
9
16
.670
(17.01)
.098
(2.5)
MAX
.560
(14.22)
.035 (0.89) TYP
.350
(8.89)
.050
(1.27)
.004-010 (.10-.25)
.020
(.51)
.465
(11.81)
1
8
9
16
.340
(8.63)
.085
(2.159)
MAX
.450
(11.43)
.035 (0.89) TYP
.700
(17.78)
.100
(2.54)
.010 (.254) TYP
.020
(.5.8)
1.000
(25.4)
MAX
1
8
9
16
.390
(9.906)
.24
(6.10)
MAX
.500
(12.7)
PACKAGE "5"
All Dimensions in inches (mm)
Tolerance: .xxx
±0.010
PACKAGE "6"
P
M
PM-62XX
YYWW
P
M
PM-62XX
YYWW
P
M
PM-62XX
YYWW
P
M
PM-62XX
YYWW


Similar Part No. - PM-6223

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-6001 PMI-PM-6001 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6002 PMI-PM-6002 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6003 PMI-PM-6003 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6004 PMI-PM-6004 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6005 PMI-PM-6005 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
More results

Similar Description - PM-6223

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-6001 PMI-PM-6001 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
   Turns Ratio: 10 Turns : 3 Turns
logo
Pulse A Technitrol Comp...
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
logo
Filtran LTD
8530 FILTRAN-8530 Datasheet
167Kb / 1P
   LAN 10/100 PC Card LAN Magnetics
logo
Bourns Electronic Solut...
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
   LAN 10/100 Base-Tx
PT61011 BOURNS-PT61011 Datasheet
222Kb / 1P
   LAN 10/100 Base-Tx
PT61017PEL BOURNS-PT61017PEL Datasheet
244Kb / 1P
   LAN 10/100 Base-Tx
PT61018EL BOURNS-PT61018EL Datasheet
328Kb / 1P
   LAN 10/100 Base-Tx
PT61018PEL BOURNS-PT61018PEL Datasheet
273Kb / 1P
   LAN 10/100 Base-Tx
PT61018 BOURNS-PT61018 Datasheet
225Kb / 1P
   LAN 10/100 Base-Tx
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com