Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM-8529 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-8529
Description  10/100 Base-TX ISOLATION TRANSFORMERS WITH FILTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-8529 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-8529 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-8529 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-85xx 11/05
10/100 Base-TX
ISOLATION TRANSFORMERS
WITH FILTERS
TYPICAL PM-8515 & 8592 APPLICATION
TYPICAL 10/100Mb/s ETHERNET NODE
(10-BASE & 100BASE-TX)
M
P PM-8508
YYWW
1
2
3
TX/RX+
TX/RX-
CT
1CT:1CT
7
6
5
TX/RX+
TX/RX-
CT
.472
(11.98)
MAX
.100
(2.54)
.200
(5.08)
.600
(15.24)
.135
(3.43)
TYP
.020
(0.51)
.815
(20.70)
MAX
.220
(5.59)
MAX
.010
(.25)
.020
(.51)
.109 (2.77)
.169 (4.29)
PIN #7
PIN #1
PM-8508 MECHANICAL
PM-8508 SCHEMATIC
DP83223
TWISTER
RX1+
RJ45 PLUG
(CAT5 UTP)
1 (TD+)
2 (TD-)
3 (RD+)
4
5
6 (RD-)
7
8
N/C
N/C
TXO
TX0+
50Ω
50Ω
TX0
GND
TX0-
RX1-
NATIONAL
DP83840
10M RX1+
10M RX1-
10M TX1+
10M TX1-
10Ω
10Ω
80Ω
75Ω
75Ω
50Ω
50Ω
50Ω
50Ω 50Ω
50Ω
COMMON MODE
TERMINATION
0.01µF
2kV
PM-8515
PIN #12


Similar Part No. - PM-8529

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8044 PMI-PM-8044 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8050 PMI-PM-8050 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8051 PMI-PM-8051 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8053 PMI-PM-8053 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
More results

Similar Description - PM-8529

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
Central Technologies
CTLFSPF CT-CTLFSPF Datasheet
200Kb / 1P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFLPF CT-CTLFLPF Datasheet
241Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFAMMF CT-CTLFAMMF Datasheet
270Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
NS060 BOTHHAND-NS060 Datasheet
172Kb / 1P
   10 BASE ISOLATION TRANSFORMERS PCMCIA
TS7011AM BOTHHAND-TS7011AM Datasheet
268Kb / 1P
   10 BASE-T ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
   10 Base-T Isolation Transformers
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
   Isolation Transformers for 10 Base-T
logo
Rhombus Industries Inc.
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
   10 BASE-T Applications Isolation Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com