Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3BD241204 Datasheet(PDF) 3 Page - Premier Magnetics, Inc.

Part # S3BD241204
Description  MINI DC/DC CONVERTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

S3BD241204 Datasheet(HTML) 3 Page - Premier Magnetics, Inc.

  S3BD241204 Datasheet HTML 1Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 2Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 3Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 4Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 5Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 6Page - Premier Magnetics, Inc. S3BD241204 Datasheet HTML 7Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
20381 Barents Sea Circle
Lake Forest, California 92630
Phone:
(949) 452-0511
Fax:
(949) 452-0512
M
P
Premier
Magnetics Inc.
Specifications subject to change without notice.
6
.020
(0.51)
.290
(7.36)
MAX
.120
(3.05)
MIN
.100
(2.54)
.300
(7.62)
.010
(0.25)
.600
(15.24)
TYP
.800
(20.32)
MAX
.400
(10.16)
MAX
1.0 WATT MINI-DIP DC/DC CONVERTERS
FEATURES
!
1.0 Watt
"
Up To 80% Efficiency
#
Momentary Short Circuit Protection
$
Minature DIP Package
GENERAL SPECIFICATIONS
%
Efficiency ................................... 75% Typ.
%
Switching Frequency ............ 100KHz Typ.
%
Isolation Voltage ................ 500Vdc min.
%
Operating Temperature ..... -25 to +80OC
INPUT SPECIFICATIONS
%
Voltage ............................... Per Table Vdc
%
Input Voltage Range ......................... ±10%
%
Input Filter ........................................... Cap
OUTPUT SPECIFICATIONS
%
Voltage ....................................... Per Table
%
Voltage Accuracy ............................... ±5%
%
Ripple & Noise 20MHz BW ...........1% p-p
%
Load Regulation ............................... ±10%
ELECTRICAL SPECIFICATIONS AT 25OC
PIN
NUMBER
FUNCTION
1
GND
7
N/C
8
0 Vout
9
+Vout
11
-Vout
14
Vcc
P
M
A7AXXXXXX
YYWW
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
SCHEMATIC DIAGRAM
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
PART
NUMBER
INPUT
VOLTAGE
(Vdc)
OUTPUT
CURRENT
(mA max.)
OUTPUT
VOLTAGE
(Vdc)
A7AS050520
5
5
200
A7AD050510
5
+ 5
100
A7AS051208
5
12
84
A7AD051204
5
+ 12
+ 42
A7AS051507
5
15
66
A7AD051503
5
+ 15
+ 33
A7AS120520
12
5
200
A7AD120510
12
+ 5
100
A7AS121208
12
12
84
A7AD121204
12
+ 12
+ 42
A7AS121507
12
15
66
A7AD121503
12
+ 15
+ 33
A7AS240520
24
5
200
A7AD240510
24
+ 5
100
A7AS241208
24
12
84
A7AD241204
24
+ 12
+ 42
A7AS241507
24
15
66
A7AD241503
24
+ 15
+ 33
1
7
8
9
14
11
DC/DC CONVERTER


Similar Part No. - S3BD241204

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3B PANJIT-S3B Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Diotec Semiconductor
S3B DIOTEC-S3B Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Diotech Company.
S3B DIOTECH-S3B Datasheet
716Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Semikron International
S3B SEMIKRON-S3B Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3B FS-S3B Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3BD241204

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
S3AS051217 PMI-S3AS051217 Datasheet
33Kb / 1P
   2.00 WATT MINI-SIP DC/DC CONVERTERS 500Vdc ISOLATION
logo
Murata Manufacturing Co...
MYRGP100060WB21RC MURATA1-MYRGP100060WB21RC Datasheet
2Mb / 23P
   Inductor Built-in Step-Down “mini DC/DC” Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com