Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5618PWP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5618PWP
Description  SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5618PWP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5618PWP Datasheet HTML 7Page - Texas Instruments TPS5618PWP Datasheet HTML 8Page - Texas Instruments TPS5618PWP Datasheet HTML 9Page - Texas Instruments TPS5618PWP Datasheet HTML 10Page - Texas Instruments TPS5618PWP Datasheet HTML 11Page - Texas Instruments TPS5618PWP Datasheet HTML 12Page - Texas Instruments TPS5618PWP Datasheet HTML 13Page - Texas Instruments TPS5618PWP Datasheet HTML 14Page - Texas Instruments TPS5618PWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPS5615, TPS5618, TPS5625, TPS5633
SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
SLVS177A – SEPTEMBER 1998 – REVISED NOVEMBER 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 12 V, IDRV = 0 A (unless otherwise noted) (continued)
bias regulator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
11.4 V
≤ VCC ≤ 12.6 V, See Note 3
6
V
NOTE 3: The bias regulator is designed to provide a quiet bias supply for the TPS56xx controller. External loads should not be driven by the bias
regulator.
output drivers
PARAMETER (see Note 4)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-side sink
Duty cycle < 2%, tpw < 100 µs, TJ = 125°C,
VBOOT VBOOTLO 65 V
2
Peak output current
High-side source
VBOOT – VBOOTLO = 6.5 V,
VHIGHDR = 1.5 V (SRC) or 5 V (sink), See Note 2
2
A
Peak output current
Low-side sink
Duty cycle < 2%, tpw < 100 µs, TJ = 125°C,
VDRV 65 V VLOWDR 1 5 V (SRC) or 5 V
2
A
Low-side source
VDRV = 6.5 V, VLOWDR = 1.5 V (SRC) or 5 V
(sink), See Note 2
2
High-side sink
TJ = 125°C, VBOOT – VBOOTLO = 6.5 V,
3
Output resistance
High-side source
J
,
BOOT
BOOTLO
,
VHIGHDR = 1.5 V (SRC) or 5 V (sink)
45
Output resistance
Low-side sink
TJ = 125°C, VDRV = 6.5 V,
5.7
Low-side source
J
DRV
VLOWDR = 1.5 V (SRC) or 5 V (sink)
45
NOTES:
2. Ensured by design, not tested.
4. The pull up/down circuits of the drivers are bipolar and MOSFET transistors in parallel. The peak output current rating is the
combined current from the bipolar and MOSFET transistors. The output resistance is the RDS(ON) of the MOSFET transistor when
the voltage on the driver output is less than the saturation voltage of the bipolar transistor.
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC supply voltage range
11.4
12
13
V
VINHIBIT = 5 V,
VBOOTLO = 0 V,
VCC > 10.75 V at startup,
See Note 2
3
10
VCC quiescent current
VINHIBIT = 5 V,
VBOOTLO = 0 V,
CLOWDR = 50 pF,
VCC > 10.75 V at startup,
CHIGHDR = 50 pF,
fswx = 200 kHz
5
mA
VINHIBIT = 0 V or VCC < 9.25 V at startup,
VBOOT = 13 V,
VBOOTLO = 0 V
10
µA
High-side drive regulator quiescent current
VINHIBIT = 5 V,
VBOOT = 13 V,
CHIGHDR = 50 pF,
VCC > 10.75 V at startup,
VBOOTLO = 0 V,
fswx = 200 kHz
2
mA
NOTE 2: Ensured by design, not tested.


Similar Part No. - TPS5618PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5618PWP TI-TPS5618PWP Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
TPS5618PWPR TI-TPS5618PWPR Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
More results

Similar Description - TPS5618PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com