Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8205-10 Datasheet(PDF) 4 Page - ASM GmbH

Part # 8205-10
Description  MICRO HiCORDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

8205-10 Datasheet(HTML) 4 Page - ASM GmbH

  8205-10 Datasheet HTML 1Page - ASM GmbH 8205-10 Datasheet HTML 2Page - ASM GmbH 8205-10 Datasheet HTML 3Page - ASM GmbH 8205-10 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 86-119, Japan
TEL +81-68-8-056 / FAX +81-68-8-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 0851 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of Mar. 5, 2007. All specifications are subject to change without notice.
8205-10E7-73B-00P Printed in Japan
Shanghai Representative Office :
1904, Shanghai Times Square Office
9 Huaihai Zhong Road
Shanghai, 0001, P.R.China
TEL +86-1-691-0090, 009
FAX +86-1-691-060
E-mail: info@hioki.cn
4
8205-10 (Accuracy at 23 ±5°C/73 ±9°F, 35 to 80 % rh ; accuracy guaranteed for 1 year)
8206-10 (Accuracy at 23 ±5°C/73 ±9°F, 35 to 80 % rh ; accuracy guaranteed for 1 year)
Input channels
One channel, AC or DC voltage, or one channel AC current.
(Simultaneous recording not available, one channel may be either type, input is voltage isolated.)
One channel AC voltage and one channel AC current.
(Simultaneous recording based on two channel alternating sampling, for commercial power lines, input is voltage isolated.)
Voltage
measurement ranges
* Resolution = 400points/ range
0.1, 0.2, 0.5, 1, 2, 5, 10, 20, 50, 100, 200, or 500V AC/DC. In DC mode, the zero
position can be set in steps of 20% of the range.
Max. input voltage: 500V rms. Accuracy: ±2% of the range. (ACV/ 45Hz to 66Hz)
Frequency characteristic: 20Hz to 30kHz/ +3 dB to −3 dB
Max. rated voltage to earth: 500V rms (the maximum voltage that can be applied be-
tween input channel and chassis without damage)
100, 200, or 500V AC, Max. input voltage: 600V rms. Magnified display from
+
25% to −35% of the range. Center position of the magnified display can be set
in 10% steps from +20% to −20%. Accuracy: ±2% of the range. (45Hz to 66Hz)
Frequency characteristic: 30 Hz to 30 kHz/ +0.5 dB to −3 dB
Max. rated voltage to earth: 600V rms (the maximum voltage that can be applied be-
tween input channel and chassis without damage)
Current
measurement ranges
* Resolution = 400points/ range
10, 20, 50, or 100A AC (with CLAMP ON SENSOR 9650).
10, 20, 50, 100, 200, or 500A AC (with CLAMP ON SENSOR 9651).
10, 20, 50, 100, 200, 500 or 1000A AC (with CLAMP ON SENSOR 9668).
Bar graph displays from 0% to 110% of range.
Frequency characteristic is determined by the clamp on sensor.
Rectification system
True RMS.
Input resistance
Voltage input: approx. 1MΩ. Clamp input: 1Ω ±10%.
The CLAMP ON SENSOR 9650,9651 and 9668 for current measurement are not
supplied with the MICRO HiCORDERs 8205-10 and 8206-10. To measure current,
an optional CLAMP ON SENSOR must be purchased separately.
Ordering Information
MICRO HiCORDER 8205-10 (1-channel recording)
MICRO HiCORDER 8206-10 (2-channel simultaneous recording)
Combination accuracy with the clamp-on sensor (% of full scale value)
Option Specifications (sold separately)
External appearance and dimensions (for both the 8205-10 and 8206-10)
CARRYING CASE 9344
Holds optional accessories
(Supplied as standard)
RECORDING PAPER 9235
(15m (49.22ft) roll, 10 rolls/
sets; one roll only, provided
with recorder)
CONNECTION CORD
9257
(1.3m/ 4.27ft, voltage input,
Supplied as standard)
CLAMP ON SENSOR 9650
RECORDING PAPER 9236-01
(Climate-resistant, 15m/ 49ft roll, 10
rolls/ set)
Options
CONNECTION CORD
9326
(1.7m/ 5.58ft, for 8205 and
8205-10
voltage input)
Supplied as standard
8205-10 and 8206-10 Common Specifications
Recording method
60mm (2.36in) amplitude (1 DIV = 10mm/0.39in), heat-sensitive recording
Display
Level meter and scaling values by LCD bar graph, plus other
setting information
Sampling rate
100S/s (sampling period : 10ms fixed)
Recording time axis accuracy
Within ±0.5%.
Environmental conditions
(non-condensating)
Operation: +5°C (41°F) to +40°C (104°F), 35% to 80% rh
Storage: -10°C (14°F) to +50°C (122°F), within 80% rh
Applicable
standards
Safety: EN61010
EMC: EN61326, EN61000-3-2, EN61000-3-3
Power
100 to 240V AC (auto selecting) at 50/60 Hz, or 9.5 to 14V DC
Maximum power consumption
30 VA maximum (AC or DC operation)
Dimensions and mass
250mm (9.4in) × 122mm (4.8in) × 93.5mm (3.66in), 1.2kg (42.33oz)
Included
Accessories
RECORDING PAPER 9235
×
1, Roll paper holder × 2, Power cord × 1,
CONNECTION CORD 9257
×
1, CARRYING CASE 9344 × 1
Range
10A
20A
50A
100A
200A
500A
1000A
9650
±
3.8% ±3.65% ±3.56% ±3.53%
9651
±
5.0% ±4.25% ±3.8% ±3.65% ±3.58% ±3.53%
9668
±
8.0% ±6.5% ±5.6% ±5.3% ±5.15% ±5.06% ±6.03%
CLAMP ON SENSOR 9651
CLAMP ON SENSOR 9668
Individual Specifications
9650
9651
9668
Rated current
Primary: 100A AC, Secondary: 100mA AC
Primary: 500A AC, Secondary: 500mA AC
Primary: 1000A AC, Secondary: 1000mA AC
Secondary current
amplitude accuracy
Combined accuracy with recorder depends on recorder
accuracy.
Combined accuracy with recorder depends on recorder
accuracy.
Combined accuracy with recorder depends on recorder
accuracy.
Frequency characteristic
±
8% or better from 40Hz to 1kHz
±
3% or better from 40Hz to 1kHz
±
3% or better from 40Hz to 1kHz
Maximum input current
130A continuous at 45 to 66Hz
600A continuous at 45 to 66Hz
1000A continuous at 45 to 66Hz
Application circuit voltage
300V rms AC or less (insulated conductor)
600V rms AC or less (insulated conductor)
600V rms AC or less (insulated conductor)
Diameter of measurable
conductor
ø 15mm (0.59 in) or less
ø 46mm (1.81 in) or less
ø 55mm (2.17 in) or less,
80mm (3.15 in) × 20mm (0.79 in) busbar
Dimensions and mass
Approx. W 46mm (1.81in) × H 135mm (5.31in) × D 21mm (0.83in)
Cable length: 3m (9.84ft), mass: 230g (8.1oz)
Approx. W 77mm (3.03in) × H 151mm (5.94in) × D 42mm (1.65in)
Cable length: 3m (9.84ft), mass: 360g (12.7oz)
Approx. W 46mm (1.81in) × H 135mm (5.31in) × D 21mm (0.83in)
Cable length: 3m (9.84ft), mass: 230g (8.1oz)
50 mm (9.4 in)


Similar Part No. - 8205-10

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
logo
VBsemi Electronics Co.,...
8205 VBSEMI-8205 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205 TUOFENG-8205 Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
Oct 2020 V1.1
logo
Belden Inc.
8205 BELDEN-8205 Datasheet
161Kb / 2P
   Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8205.0030 BELDEN-8205.0030 Datasheet
161Kb / 2P
   Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8205-10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8841 ASM-SENSOR-8841 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8807-01 ASM-SENSOR-8807-01 Datasheet
1Mb / 8P
   MEMORY HiCORDER
8826 ASM-SENSOR-8826 Datasheet
1Mb / 12P
   MEMORY HiCORDER
8714-01 ASM-SENSOR-8714-01 Datasheet
967Kb / 4P
   POWER HiCORDER
8807-51 ASM-SENSOR-8807-51 Datasheet
940Kb / 4P
   MEMORY HiCORDER
8855 ASM-SENSOR-8855 Datasheet
5Mb / 12P
   MEMORY HiCORDER
8835-01 ASM-SENSOR-8835-01 Datasheet
2Mb / 12P
   MEMORY HiCORDER
8860-50 ASM-SENSOR-8860-50 Datasheet
2Mb / 16P
   MEMORY HiCORDER
8870-20 ASM-SENSOR-8870-20 Datasheet
2Mb / 8P
   MEMORY HiCORDER
MR8827 ASM-SENSOR-MR8827 Datasheet
2Mb / 16P
   MEMORY HiCORDER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com