Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3664 Datasheet(PDF) 3 Page - ASM GmbH

Part # 3664
Description  OPTICAL POWER METER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3664 Datasheet(HTML) 3 Page - ASM GmbH

  3664 Datasheet HTML 1Page - ASM GmbH 3664 Datasheet HTML 2Page - ASM GmbH 3664 Datasheet HTML 3Page - ASM GmbH 3664 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2
Powerful Features
Superior cost performance
Guaranteed accuracy of ±5%, ideal for the production and testing of optical pickup devices (in combination with the
Optical Sensor 9742/9742-10/9743/9743-10) Scaling functionality and USB compatibility all for one reasonable price.
Optical power measurement
Units W/dBm
Range
Auto (manual settings available)
Accuracy
± 0.7 % (± 5 % when used with optional light sensor)
Calibration
wavelength
Resolution of 1 nm, automatic calibration of sensor, up to 10
wavelength presets available (including defaults for each sensor)
Scaling
Configurable for each wavelength
Optical loss
measurement
Displays a measured value compared with a reference value
(Displayed value = measurement − reference)
* Reference value can be based on a measurement, or input manually
* Settings range: 0.001 nW to 1.9999 W (−90.00 dBm to 33.00 dBm)
Display
4 1/2 digits, up to 19999. Display resolution: 0.01 dBm/0.01 dB
Measurement display
Units: nW/µW/mW/dBm/dB
Wavelength display
4 digits, unit: nm
Display refresh rate
Approx. 330 ms
MAX/MIN display
Displays MAX/MIN during measurement
AVE display
Moving average, average count configurable from 2 to 100
Analog Output
According to optional Optical Sensor in use
9742/9742-10
: Approx. 1V at sensor correction input
9743/9743-10
: Approx. 0.7V at sensor correction input
Output resistance
50 Ω
Output connector
ø3.5 mini jack
Interface
USB Ver1.1
Output of measurement data, configuration and control supported
Included features
Auto power save, configuration backup, battery check
Applicable
standards
Safety standard: EN61010-1
EMC:EN61326, EM61000-3-2, EM61000-3-3
Power
LR6 (AA)Alkaline battery ✕ 4,AC adapter (9445-02/9445-03)
Max. rated power
1.6 VA
Operating time Approx. 60 hours (when using battery, continuous use with
9742
optical sensor as correction input)
Operating conditions
0°C to -40°C (32°F to 104°F), up to 80 % rh (no condensation)
Storage conditions
-10°C to 50°C (14°F to 122°F), up to 80 % rh (no condensation)
Operating environment
Indoor, up to elevation of 2000 meters (6562 ft)
Dimensions and mass Approx. 85W
160H✕35Dmm (3.35W✕6.30H✕1.38 D inches)
(excluding protrusions)
, Approx. 270g (9.5 oz.) (without batteries)
9742/9742-10
Measured wavelength
320 to 1100 nm
Measured power −59 dBm to +17 dBm (correction wavelength)
Maximum rated value
50 mW (+17 dBm) (under direct lighting)
Receiving element
Si Photo diode
Receptor size
Approx. 9.6 mm ✕ 9.6 mm ( 0.38" ✕ 0.38")
Accuracy
± 4.3 % (± 5 % when used with OPTICAL POWER METER 3664)
[Correction conditions]
correction wavelength 633 nm,
correction power 100 µW, when ø approx. 2 mm (0.08") parallel
beam strikes perpendicular to center of optical sensor, CW light
Wavelengthconfigurationdefaults
633 nm, 635 nm, 650 nm, 780 nm
Operating conditions
0 °C to -40 °C (32°F to 104°F), up to 80 % rh (no condensation)
Storage conditions −10 °C to 50 °C (14°F to 122°F), up to 80 % rh (no condensation)
Operating environment
Indoor, elevation up to 2000 meters (6562 ft)
Mass
Approx. 100 g (3.5 oz.)
9743/9743-10
Measured wavelength
380 to 450 nm
Measured power −50 dBm to + 20 dBm (correction wavelength)
Maximum rated value
100 mW (+20 dBm) (under direct lighting)
Receiving element
Si Photo diode
Receptor size
Approx. 10 mm ✕ 10 mm ( 0.39" ✕ 0.39")
Accuracy
±4.3% (±5% when used with OPTICAL POWER METER 3664)
[Correction conditions]
correction wavelength 405 nm
(Using a 405 ± 5 nm wavelength as the reference wavelength)
, correction
power 100 µW, when ø approx. 1.5 mm (0.06") parallel
beam strikes perpendicular to center of optical sensor
Wavelengthconfigurationdefaults
400 nm, 403 nm, 405 nm, 408 nm
Operating conditions
0 °C to -40 °C (32°F to 104°F), up to 80 % rh (no condensation)
Storage conditions −10 °C to 50 °C (14°F to 122°F), up to 80 % rh (no condensation)
Operating environment
Indoor, elevation up to 2000 meters (6562 ft)
Mass
[9743]
: Approx. 110 g (3.9 oz.)
[9743-10]
: Approx. 100 g (3.5 oz.)
Specifications
OPTICAL POWER METER 3664 Specifications
OPTICAL SENSOR Specifications
Accuracy: 23°±5°C (73°±9°F), less than 80% rh, One year accuracy guarantee
Wavelength setting
resolution up to 1 nm
Up to 10 wavelength memory presets can be
configured, including the defaults for each
optical sensor. The default wavelengths for each
optional sensor are already stored in memory.
Add up to 6 more custom wavelengths and
call them up simply by pressing the λ key.
MAX/MIN/AVE measurement
Display maximum, minimum, and averages,
as well as make relative measurements.
Scaling
Adjust for sensitivity at the wavelength
level, and easily integrate the 3664 into an
inspection standard device.
Please refer to the external diagrams depicted on the next page for the exact dimensions of the optical sensors.
2 Power settings
Compatible to both DC power and AC
power. Choose a power method to suit
your application.
Relative measurement
Display measurements as relative
values, i.e., the difference from a
set reference value. Load reference
values from a measured value or define
according to your requirements.
Upload data through the
USB interface
Program your PC to download captured
data, configure and even control the
3664
through the USB interface.
(USB driver software included)
Production and Maintenance of Laser- and LED-Dependent Equipment


Similar Part No. - 3664

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
366420001 MOLEX5-366420001 Datasheet
101Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Right Angle with Snap-In Pegs, Through Hole, 6 Circuits
36643-0001 MOLEX11-36643-0001 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0002 MOLEX11-36643-0002 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0003 MOLEX11-36643-0003 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
36643-0004 MOLEX11-36643-0004 Datasheet
45Kb / 2P
   2.13mm Diameter MLX Plug Housing
More results

Similar Description - 3664

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3661-20 ASM-SENSOR-3661-20 Datasheet
1Mb / 4P
   OPTICAL POWER METER
logo
Extech Instruments Corp...
FO600 EXTECH-FO600 Datasheet
2Mb / 57P
   FiberMeter Optical Power Meter
logo
Agilent(Hewlett-Packard...
N7751A HP-N7751A Datasheet
315Kb / 8P
   Optical Attenuator and Power Meter
logo
Siemens Semiconductor G...
PAC3100 SIEMENS-PAC3100 Datasheet
243Kb / 8P
   Power Meter
PAC4200 SIEMENS-PAC4200 Datasheet
292Kb / 8P
   Power Meter
logo
ITECH ELECTRONIC CO.,LT...
IT9121E ITECH-IT9121E Datasheet
1Mb / 4P
   Power Meter
logo
ASM GmbH
PW3335 ASM-SENSOR-PW3335 Datasheet
1,004Kb / 12P
   POWER METER
logo
B&K Precision Corporati...
5335B BK-5335B Datasheet
1Mb / 6P
   Power Meter
logo
Hamamatsu Corporation
C9536-01 HAMAMATSU-C9536-01 Datasheet
155Kb / 2P
   UV POWER METER
logo
Keysight Technologies
N432A KEYSIGHT-N432A Datasheet
1Mb / 11P
   Thermistor Power Meter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com