Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3535 Datasheet(PDF) 1 Page - ASM GmbH

Part # 3535
Description  LCR HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3535 Datasheet(HTML) 1 Page - ASM GmbH

  3535 Datasheet HTML 1Page - ASM GmbH 3535 Datasheet HTML 2Page - ASM GmbH 3535 Datasheet HTML 3Page - ASM GmbH 3535 Datasheet HTML 4Page - ASM GmbH 3535 Datasheet HTML 5Page - ASM GmbH 3535 Datasheet HTML 6Page - ASM GmbH 3535 Datasheet HTML 7Page - ASM GmbH 3535 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Component measuring instruments
Measure across the broad frequency range of 100kHz to 120MHz
with the new Model 3535 LCR HiTESTER. The 6ms high-
speed measurement capability is particularly useful with the built-
in comparator and load functions, and for BIN (classification)
measurements, to suit a wide range of applications such as chip
inductor and high speed magnetic head testing, as well as other
related research needs. Achieve ultimate measurement flexibility
by detaching the head amp unit from the main unit and placing
it in proximity to the test object so as to minimize the effect of
test leads on measurements. The 3535's low price, ideal size and
light weight are all achieved by incorporating an automatically
balanced bridge circuit with digital control. Never before has
such an advanced precision instrument coupled with economical
features been placed on the test and measurement market.
3535 LCR HiTESTER
HEAD AMP UNIT


Similar Part No. - 3535

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3535 POMONA-3535 Datasheet
19Kb / 1P
   Adapter BNC (Male) To ?쏯??(Female)
logo
3M Electronics
3535 3M-3535 Datasheet
24Kb / 6P
   3M Scotch-WeldTM Urethane Adhesives
logo
Applied Motion Products...
3535 AMP-3535 Datasheet
53Kb / 2P
   3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
73Kb / 4P
   Si-100 Motor Control
3535-O AMP-3535-O Datasheet
57Kb / 2P
   3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
More results

Similar Description - 3535

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3511-50 ASM-SENSOR-3511-50 Datasheet
253Kb / 4P
   LCR HiTESTER
3522-50 ASM-SENSOR-3522-50 Datasheet
1Mb / 8P
   LCR HiTESTER
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com