Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3331 Datasheet(PDF) 1 Page - ASM GmbH

Part # 3331
Description  POWER HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3331 Datasheet(HTML) 1 Page - ASM GmbH

  3331 Datasheet HTML 1Page - ASM GmbH 3331 Datasheet HTML 2Page - ASM GmbH 3331 Datasheet HTML 3Page - ASM GmbH 3331 Datasheet HTML 4Page - ASM GmbH 3331 Datasheet HTML 5Page - ASM GmbH 3331 Datasheet HTML 6Page - ASM GmbH 3331 Datasheet HTML 7Page - ASM GmbH 3331 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Accurate evaluation of consumption power
of electrical products
Power measuring instruments
3332: Single-phase, 2-wire type that can accurately measure even standby power
3331: Single-phase, 3-wire and three-phase, 3-wire type for measuring power of large-scale equipment
3331, 3332 POWER HiTESTER
As efficient use of energy for household and office equipment becomes more and more
essential, the new 3332 POWER HiTESTER does the job by offering a wide range of
power measurement from standby to normal usage. The 3331 POWER HiTESTER is
capable of evaluating 3-phase devices, such as industrial air conditioners and refrigerators,
or single-phase, large-scale devices. Both power testers deliver high accuracy of ±0.2%
(45 to 66Hz), direct input up to 50A, and a broad bandwidth from 1Hz (the 3331 from
10Hz) to 100kHz. System construction is made easy with these compact, lightweight and
reasonably priced tools, which come equipped with an external interface as a standard
feature. The 3331 and 3332 can be used as a measuring component for a wide range of
purposes, from research and development to equipment evaluation.
An
Energy Saving
Support Tool


Similar Part No. - 3331

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3331 KR-3331 Datasheet
50Kb / 3P
   KR Electronics part number 3331 is a 155 MHz band-pass filter
logo
List of Unclassifed Man...
3331 ETC-3331 Datasheet
100Kb / 1P
   Heyco짰 Nylon Cable Clamps
logo
Heyco.
3331 HEYCO-3331 Datasheet
84Kb / 1P
   Nylon Cable Clamps
logo
Belden Inc.
333109A BELDEN-333109A Datasheet
141Kb / 2P
   RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, PVC Jkt, SIA Armor, CPE Jkt,CM, PLTC
05-05-2023
logo
List of Unclassifed Man...
3331100M063JS0 ETC2-3331100M063JS0 Datasheet
365Kb / 5P
   -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
More results

Similar Description - 3331

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3169-20 ASM-SENSOR-3169-20 Datasheet
1Mb / 12P
   CLAMP ON POWER HiTESTER
3334 ASM-SENSOR-3334 Datasheet
4Mb / 8P
   AC/DC POWER HiTESTER
3286-20 ASM-SENSOR-3286-20 Datasheet
745Kb / 4P
   CLAMP ON POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com