Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO100HSTL23ASU Datasheet(PDF) 6 Page - Potato Semiconductor Corporation

Part # PO100HSTL23ASU
Description  Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO100HSTL23ASU Datasheet(HTML) 6 Page - Potato Semiconductor Corporation

  PO100HSTL23ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO100HSTL23ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO100HSTL23ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO100HSTL23ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO100HSTL23ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO100HSTL23ASU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Copyright © Potato Semiconductor Corporation
Top-Marking
Ordering Information
Ordering Code
Package
8 pin SOIC
Tube
Pb-free & Green
8 pin SOIC
Tape and reel
Pb-free & Green
PO100HSTL23ASU
PO100HSTL23AS
PO100HSTL23AS
PO100HSTL23ASR
-40°C to 85°C
-40°C to 85°C
8 pin TSSOP
Tube
Pb-free & Green
8 pin TSSOP
Tape and reel
Pb-free & Green
PO100HSTL23ATU
PO100HSTL23AT
PO100HSTL23AT
PO100HSTL23ATR
-40°C to 85°C
-40°C to 85°C
TA
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator
PO100HSTL23A
02/13/07


Similar Part No. - PO100HSTL23ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL23A POTATO-PO100HSTL23A Datasheet
1Mb / 6P
   High Frequency Noise Canncellation Translator
PO100HSTL23A POTATO-PO100HSTL23A_14 Datasheet
1Mb / 6P
   High Frequency Noise Canncellation Translator
More results

Similar Description - PO100HSTL23ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
   Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL32A POTATO-PO100HSTL32A Datasheet
499Kb / 5P
   Quad Differential LVDS/LVPECL/HSTL to LVTTL Translator
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
NB100ELT23L ONSEMI-NB100ELT23L Datasheet
62Kb / 6P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 4
NB100ELT23L ONSEMI-NB100ELT23L_15 Datasheet
84Kb / 7P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
August, 2015 ??Rev. 12
MC100LVELT23 ONSEMI-MC100LVELT23_16 Datasheet
162Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
July, 2016 ??Rev. 19
MC100LVELT23 ONSEMI-MC100LVELT23_06 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
   Dual LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com