Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL85331ATR Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74HSTL85331ATR
Description  3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL85331ATR Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74HSTL85331ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 7Page - Potato Semiconductor Corporation PO74HSTL85331ATR Datasheet HTML 8Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPD
Propagation Delay CLK to Output pair
CL = 15pF
3.7
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
tsk(o)
Output Pin to Pin Skew (Same Package)
ps
ps
tsk(pp) Output Skew (Different Package)
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
250
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
300
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
400
MHz
Notes:
1. See test circuits and waveforms.
See schematic example.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
08/10/06
Copyright © Potato Semiconductor Corporation
4
PO74HSTL85331A
700MHz HSTL Potato Chip
CL = 15pF, 125MHz
CL = 15pF, 125MHz
50
300
400
570
700
Crystal Oscillator Test Conditions
s
n
o
i
t
i
d
n
o
C
t
s
Output Frequency
50
3.579
14.318
28
250
400
462
e
T
ts
i
n
U
MHz
MHz
MHz
X1=50MHz, C4=50pf, C5=50pf, R1=3K
X1=3.579MHz, C4=100pf, C5=100pf
X1=14.318MHz, C4=50pf, C5=50pf
X1=28MHz, C4=50pf, C5=50pf, R1=5.1K
X1=250MHz, C4=0, C5=0, R1=1K
X1=400MHz, C4=0, C5=0, R1=1K
X1=462MHz, C4=0, C5=0, R1=1K
MHz
MHz
MHz
MHz
3.3V 1:4 Crystal Oscillator/
Differential Clock or Data Fanout Buffer


Similar Part No. - PO74HSTL85331ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
   2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
More results

Similar Description - PO74HSTL85331ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A_14 Datasheet
1Mb / 7P
   2.3V-3.6V 1:4 Crystal Oscillator/Differential Clock or Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A Datasheet
587Kb / 7P
   3.3V 2:4 Differential Clock/Data Fanout Buffer
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
logo
Integrated Device Techn...
8T39S06A IDT-8T39S06A Datasheet
843Kb / 39P
   Crystal or Differential to Differential Clock Fanout Buffer
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com