Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3307-18DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3307-18DRG4
Description  TRIPLE PROCESSOR SUPERVISORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3307-18DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3307-18DRG4 Datasheet HTML 1Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 2Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 3Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 4Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 5Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 6Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 7Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 8Page - Texas Instruments TPS3307-18DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
SENSE1
SENSE2
SENSE3
GND
VDD
MR
RESET
RESET
D OR DGN PACKAGE
(TOP VIEW)
Typical Applications
SENSE 1
SENSE 2
RESET
TPS3307−33
SENSE 3
VDD
GND
100nF
RESET
VDD
GND
3.3V
5V
2.5V
470k
620k
Applications using DSPs,
Microcontrollers or Microprocessors
w Industrial Equipment
w Programmable Controls
w Automotive Systems
w Portable/Battery Powered Equipment
w Intelligent Instruments
w Wireless Communication Systems
w Notebook/Desktop Computers
MSP430C325
DESCRIPTION
TPS3307-18, TPS3307-25, TPS3307-33
SLVS199B – DECEMBER 1998 – REVISED OCTOBER 2004
TRIPLE PROCESSOR SUPERVISORS
Triple Supervisory Circuits for DSP and
Processor-Based Systems
Power-On Reset Generator With Fixed Delay
Time of 200ms, No External Capacitor Needed
Temperature-Compensated Voltage Reference
Maximum Supply Current of 40µA
Supply Voltage Range: 2V to 6V
Defined RESET Output From VDD≥ 1.1V
MSOP-8 and SO-8 Packages
Temperature Range : – 40
°C to 85°C
Figure 1 lists some of the typical applications for the TPS3307 family, and a schematic diagram for a
processor-based system application. This application uses TI part numbers TPS3307-33 and MSP430C325.
Figure 1. Applications Using the TPS3307 Family
The TPS3307 family is a series of micropower supply voltage supervisors designed for circuit initialization
primarily in DSP and processor-based systems, which require more than one supply voltage.
The product spectrum of the TPS3307-xx is designed for monitoring three independent supply voltages:
3.3V/1.8V/adj, 3.3V/2.5V/adj or 3.3V/5V/adj. The adjustable SENSE input allows the monitoring of any supply
voltage >1.25V.
The various supply voltage supervisors are designed to monitor the nominal supply voltage as shown in the
following supply voltage monitoring table.
During power-on, RESET is asserted when the supply voltage VDD becomes higher than 1.1V. Thereafter, the
supply voltage supervisor monitors the SENSEn inputs and keeps RESET active as long as SENSEn remain
below the threshold voltage VIT+.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3307-18DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-18DRG4 TI1-TPS3307-18DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results

Similar Description - TPS3307-18DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18DG4 TI-TPS3307-18DG4 Datasheet
765Kb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI-TPS3307-18-Q1 Datasheet
255Kb / 12P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-25DG4 TI-TPS3307-25DG4 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307-5ARZ AD-ADM13307-5ARZ Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
ADM13307 AD-ADM13307 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
logo
Texas Instruments
TPS3307-18-EP TI-TPS3307-18-EP Datasheet
166Kb / 10P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com