Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74HSTL314ASR Datasheet(PDF) 5 Page - Potato Semiconductor Corporation

Part # PO74HSTL314ASR
Description  3.3V 2:4 Differential Clock/Data Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74HSTL314ASR Datasheet(HTML) 5 Page - Potato Semiconductor Corporation

  PO74HSTL314ASR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 5Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 6Page - Potato Semiconductor Corporation PO74HSTL314ASR Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Test Waveforms
07/10/06
3.3V 2:4 Differential Clock/Data Fanout Buffer
Copyright © Potato Semiconductor Corporation
5
PO74HSTL314A
500MHz HSTL Potato Chip
VPP RANGE
0V-VCC
FIGURE 1. LVDS/ PECL/ ECL/ HSTL /DIFFERENTIAL INPUT WAVEFORM DEFINITIONS
FIGURE 2. HSTL/HSTL OUTPUT
FIGURE 3. Propogation Delay, Output pulse skew, and output-to-output skew
for both CLKA or CLKB to output pair
VPP
TPHL
TPLH
TPD
INPUT
CLOCK
OUTPUT
CLOCK
ANOTHER
OUTPUT
CLOCK
VO
tSK(O)
VCC= 3.3V
VEE=0.0V
VIH
VIL
VPP
VCC
VEE
VO
tr,tf,
20-80%


Similar Part No. - PO74HSTL314ASR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
More results

Similar Description - PO74HSTL314ASR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
   2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314 Datasheet
213Kb / 9P
   1 of 2:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL314A POTATO-PO74HSTL314A_14 Datasheet
1Mb / 7P
   2.3V - 3.6V 2:4 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
   1:4 Differential Clock/Data Fanout Buffer
logo
Potato Semiconductor Co...
PO74HSTL85331A POTATO-PO74HSTL85331A Datasheet
675Kb / 8P
   3.3V 1:4 Crystal Oscillator/ Differential Clock or Data Fanout Buffer
PO100HSTL11A POTATO-PO100HSTL11A Datasheet
553Kb / 6P
   1 to 2 Differential Clock/Data Fanout Buffer
logo
Cypress Semiconductor
CY2DP3110 CYPRESS-CY2DP3110 Datasheet
279Kb / 9P
   1 of 2:10 Differential Clock/Data Fanout Buffer
CY2DP3120 CYPRESS-CY2DP3120 Datasheet
193Kb / 9P
   1:20 Differential Clock/Data Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
   3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com