Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3193 Datasheet(PDF) 8 Page - ASM GmbH

Part # 3193
Description  POWER HiTESTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3193 Datasheet(HTML) 8 Page - ASM GmbH

  3193 Datasheet HTML 1Page - ASM GmbH 3193 Datasheet HTML 2Page - ASM GmbH 3193 Datasheet HTML 3Page - ASM GmbH 3193 Datasheet HTML 4Page - ASM GmbH 3193 Datasheet HTML 5Page - ASM GmbH 3193 Datasheet HTML 6Page - ASM GmbH 3193 Datasheet HTML 7Page - ASM GmbH 3193 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3193E6-62M-04K
Printed in Japan
All information correct as of Feb.13, 2006. All specifications are subject to change without notice.
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@ hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@ hiokiusa.com
DISTRIBUTED BY
Shanghai Representative Office :
1704 Shanghai Times Square Office
93 Huaihai Zhong Road
Shanghai, 200021, P.R.China
TEL +86-21-6391-0090/0092
FAX +86-21-6391-0360
E-mail: info@hioki.cn
7
Options
9270
CLAMP ON SENSOR (20A AC)
9271
CLAMP ON SENSOR (200A AC)
9272
CLAMP ON SENSOR (20/200A AC)
9277
UNIVERSAL CLAMP ON CT (20A AC/DC)
9278
UNIVERSAL CLAMP ON CT (200A AC/DC)
9279
UNIVERSAL CLAMP ON CT (500A AC/DC)
9709
AC/DC CURRENT SENSOR (500A AC/DC)
9290
CLAMP ON ADAPTER (1500A AC, ratio10:1)
9232
RECORDING PAPER (10 m, 10 roll, For 9604)
3193 POWER HiTESTER (main unit only)
3194 MOTOR / HARMONIC HiTESTER (main unit only)
*No CE marking
*
Options that can be installed at the factory
(specify at time of order)
9600
AC/DC DIRECT INPUT UNIT
9601
AC DIRECT INPUT UNIT
9602
AC/DC CLAMP INPUT UNIT
9603
EXTERNAL SIGNAL INPUT UNIT (3193 only)
9603-01 EXTERNAL SIGNAL INPUT UNIT (3194 only)
9604
PRINTER UNIT
9605
HARMONIC / FLICKER MEASUREMENTS UNIT
(3193 only)
*
*
*
*
CLAMP-ON SENSOR(Optional) Specifications
9270
20A
ø20mm
5Hz to 50kHz
9272 20A/200A
ø46mm,50✕20mmbusbar
5Hz to 10kHz
9279
500A
ø40mm
DC to 20kHz
9709
500A
ø36mm
DC to 100kHz
AC
AC / DC
To use the Clamp-On sensor, be sure to order the factory option 9602 AC/DC clamp input unit.
Ordering information
Use the same input unit for a particular
measurement line.
Install units in succession starting
from channel 1.
For the 9603 or 9603-01, only one unit
can be installed.
When the 9602 is selected, use the
optional clamp-on sensor.
1ch
2ch
3ch
4ch
5ch
6ch
Pattern A
1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
)
Pattern B
1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
)
Pattern C
1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 2W (
) 1 ø 2W (
)
Pattern D
1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 3W / 3 ø 3W (
×
2 )
Pattern E
3V3A (3 ø 3W) / 3 ø 4W (
×
3 ) 1 ø 2W (
) 1 ø 2W (
) 1 ø 2W (
)
Pattern F
3V3A (3 ø 3W) / 3 ø 4W (
×
3 ) 1 ø 3W / 3 ø 3W (
×
2 ) 1 ø 2W (
)
Pattern G
3V3A (3 ø 3W) / 3 ø 4W (
×
3 )
3V3A (3 ø 3W) / 3 ø 4W (
×
3 )
Measurements cannot be taken with a 3193 POWER HiTESTER and 3194 MOTOR / HARMONIC
HiTESTER
unit only.
A factory option input unit must be purchased.
Notes on input unit selection
(
)
: 9600, 9601, 9602 can be selected.
*The voltage cable is not supplied. Contact your dealer when it is
necessary to use the clip type leads.
9290
1500A
ø40mm
80mm-wide busbar
20Hz to 4kHz
CT ratio 10 : 1
200A
ø20mm
5Hz to 50kHz
9277 / 9278
20 / 200A
ø20mm
DC to 100kHz
9277
9271
3193 or 3194
+
9602


Similar Part No. - 3193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3193 ETC2-3193 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
3193 ETC2-3193 Datasheet
68Kb / 1P
   WASHERS
logo
PHOENIX CONTACT
3193134 PHOENIX-3193134 Datasheet
48Kb / 2P
   Strain relief, for STG 8-pos. connector housings, with single-sided coupling spring, color: black
More results

Similar Description - 3193

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
3169-20 ASM-SENSOR-3169-20 Datasheet
1Mb / 12P
   CLAMP ON POWER HiTESTER
3334 ASM-SENSOR-3334 Datasheet
4Mb / 8P
   AC/DC POWER HiTESTER
3286-20 ASM-SENSOR-3286-20 Datasheet
745Kb / 4P
   CLAMP ON POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3554 ASM-SENSOR-3554 Datasheet
1Mb / 4P
   BATTERY HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com