Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G164245ASU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G164245ASU
Description  1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G164245ASU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G164245ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 7Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 8Page - Potato Semiconductor Corporation PO74G164245ASU Datasheet HTML 9Page - Potato Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright © Potato Semiconductor Corporation
74 Series GHz Logic
PO74G164245A
1.65v-3.6v, 16-bit Dual Supply Level Shifting
Bidirectional Transceiver with 3 state outputs
02/01/09
1
FEATURES:
. Patented technology
. Operating frequency up to 1GHz with 2pf load
. VCC Operates from 1.65V to 3.6V
. Low input capacitance: 5pf typical
. Available in 48pin TSSOP package
. Comparator A inputs for accuracy signals
Pin Configuration
Logic Block Diagram
Pin Description
Truth Table
DESCRIPTION:
Potato Semiconductor’s PO74G164245A is designed
for world top performance using submicron CMOS
technology to achieve 1GHz TTL /CMOS output
frequency.This Octal bus buffer gate is designed for
1.65v-3.6v, 16-bit Dual Supply Level ShiftingBidirec-
tional Transceiver with 3 state outputs operation.
Contains two separate supply rails: B port (VCCB)
must set higher voltage (equal) then A port
(VCCA).This arrangement permits translation from a
1.8-2.5V to 3.3V environment.
The PO74G164245A features independent 16-bit
Bidirectional Transceiver with 3 state outputs. Each
output is disabled when the associated output-
enable(OE) input is high.
E
O
2
E
O
1
1B0
1A0
1DIR
1B1
1A1
1B2
1A2
1B3
1A3
1B4
1A4
1B5
1A5
1B6
1A6
1B7
1A7
2B0
2A0
2DIR
2B1
2A1
2B2
2A2
2B3
2A3
2B4
2A4
2B5
2A5
2B6
2A6
2B7
2A7
1DIR
1B0
1B1
GND
1B2
1B3
VCCB1
VCCB2
1B4
1B5
GND
1B6
1B7
2B0
2B1
GND
2B2
2B3
2B4
2B5
GND
2B6
2B7
2DIR
1OE
1A0
1A1
GND
1A2
1A3
VCCA1
VCCA2
1A4
1A5
GND
1A6
1A7
2A0
2A1
GND
2B2
2A3
2A4
2A5
GND
2A6
2A7
2OE
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
e
m
a
N
n
i
P
n
o
i
t
p
i
r
c
s
e
D
O
)
E
x
W
O
L
e
v
it
c
A
(
s
t
u
p
n
I
e
l
b
a
n
E
t
u
p
t
u
O
e
t
a
t
S
-
3
R
I
D
t
x
u
p
n
I
l
o
rt
n
o
C
n
o
it
c
e
ri
D
X
AX
s
t
u
p
n
I
e
t
a
t
S
-
3
r
o
s
t
u
p
n
I
A
e
d
i
S
X
BX
s
t
u
p
t
u
O
e
t
a
t
S
-
3
r
o
s
t
u
p
t
u
O
B
e
d
i
S
D
N
G
d
n
u
o
r
G
V C
C
r
e
w
o
P
s
t
u
p
n
s
I
t
u
p
t
u
O
E
O
x
R
I
D
x
A
L
L
s
u
B
o
t
a
t
a
D
B
s
u
B
B
H
L
s
u
B
o
t
a
t
a
D
A
s
u
B
VCCA1
xDIR
X
X
Z
0V
44k
(Typ.)
44k
(Typ.)
disable
L
X
disable
H
H
>0V
Enable
VCCAx
Comparator InputAx
44k
(Typ.)
VCCA2
44k
(Typ.)


Similar Part No. - PO74G164245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting
More results

Similar Description - PO74G164245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A_14 Datasheet
2Mb / 9P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G245B POTATO-PO74G245B Datasheet
632Kb / 7P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Texas Instruments
SN74LXC8T245 TI-SN74LXC8T245 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74LXC8T245 TI-SN74LXC8T245_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC8T245 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
REVISED MARCH 2023
logo
Integrated Device Techn...
IDT74ALVC164245 IDT-IDT74ALVC164245_18 Datasheet
97Kb / 8P
   CMOS 16-BIT 3.3V TO 5V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com