Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G16245ASU Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO74G16245ASU
Description  1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G16245ASU Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO74G16245ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 6Page - Potato Semiconductor Corporation PO74G16245ASU Datasheet HTML 7Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
s
r
e
t
e
m
a
r
a
s
P
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
V C
C
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
V H
O
V
I
S
H
O
4
=
m
V
A
H
I
V
1
9
.
0
=
V
4
.
1
5
0
.
1
I
S
H
O
6
=
m
V
A
H
I
V
7
0
.
1
=
V
5
6
.
1
2
.
1
I
S
H
O
2
1
=
m
V
A
H
I
V
7
.
1
=
V
3
.
2
5
7
.
1
I
S
H
O
4
2
=
m
V
A
H
I
V
2
=
V
3
0
.
2
V L
O
I S
L
O
4
= m
V
A
L
I
V
9
4
.
0
=
V
4
.
4
1
.
0
I S
L
O
6
= m
V
A
L
I
V
7
5
.
0
=
V
5
6
.
5
1
4
.
0
I S
L
O
2
1
=
m
V
A
L
I
V
7
.
0
=
V
3
.
5
2
5
.
0
I S
L
O
4
2
=
m
V
A
L
I
V
8
.
0
=
V
8
3
.
0
II
VI V
=
C
C
D
N
G
r
V
o
6
.
5
3
.
2
±
A
µ
I Z
O
VO V
=
C
C
D
N
G
r
V
o
6
.
0
3
1
±
350
±
I C
C
VI V
=
C
C
I
D
N
G
r
o
O
0
=
V
6
.
3
CI
s
t
u
p
n
I
l
o
r
t
n
o
C
VI V
=
C
C
D
N
G
r
o
5
.
3
F
p
s
t
u
p
n
I
a
t
a
D
5
CO
s
t
u
p
t
u
O
VO V
=
C
C
D
N
G
r
o
5
Notes:
1. Typical values are measured at TA = 25°C.
DC Electrical Characteristics (OvertheOperatingRange,TA=–40°C+85°C)
3
Copyright © Potato Semiconductor Corporation
74 Series GHz Logic
PO74G16245B
1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
12/18/08


Similar Part No. - PO74G16245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
More results

Similar Description - PO74G16245ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G245A POTATO-PO74G245A_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
PO74G245B POTATO-PO74G245B Datasheet
632Kb / 7P
   1.2v-3.6v, 8-bit Bidirectional Transceiver with 3 state outputs
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Potato Semiconductor Co...
PO74G164245A POTATO-PO74G164245A Datasheet
960Kb / 10P
   1.65v-3.6v, 16-bit Dual Supply Level Shifting Bidirectional Transceiver with 3 state outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com