Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G553AST Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO74G553AST
Description  3.3V 1:4 CMOS Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G553AST Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO74G553AST Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G553AST Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G553AST Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G553AST Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G553AST Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G553AST Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
ΕC ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance (TA= +25°C, f= 1MHz)
Parameters (1)
Description
Test Conditions
Typ
Max
Unit
Cin
Input Capacitance
Vin = 0V
3
4
pF
Cout
Output Capacitance
Vout = 0V
-
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH & tPHL Propagation Delay INA to OAn, INB to OBn
CL = 15pF
1.7
ns
tPZH or tPZL Output Enable Time
CL = 15pF
50
tPHZ or tPLZ Output Disable Time
CL = 15pF
2.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
0.8
ns
tsk(p)
z
H
M
5
2
1
,
F
p
5
1
=
L
C
)
e
g
a
k
c
a
P
e
m
a
S
(
w
e
k
S
e
s
l
u
P
150
tsk(o)
Output Pin to Pin Skew (Same Package)
CL = 15pF, 125MHz
0.25
ns
tsk(pp)
Output Skew (Different Package)
CL = 15pF, 125MHz
0.4
ns
fmax
F
p
0
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
150
MHz
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
300
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
600
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
800
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
Copyright © Potato Semiconductor Corporation
3
ps
ps
01/12/08
3.3V 1:4 CMOS Clock Buffered Driver
PO74G553A
800MHz TTL/CMOS Potato Chip


Similar Part No. - PO74G553AST

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO74G553A POMONA-PO74G553A_14 Datasheet
1Mb / 5P
   800MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO74G553AST

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO49FCT3804 POTATO-PO49FCT3804 Datasheet
542Kb / 6P
   3.3V Dual 1:4 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32807 POTATO-PO49FCT32807 Datasheet
546Kb / 6P
   3.3V 1:10 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com