Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G139ATR Datasheet(PDF) 4 Page - Potato Semiconductor Corporation

Part # PO74G139ATR
Description  DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G139ATR Datasheet(HTML) 4 Page - Potato Semiconductor Corporation

  PO74G139ATR Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G139ATR Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G139ATR Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G139ATR Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G139ATR Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G139ATR Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Copyright © Potato Semiconductor Corporation
74 Series GHz Logic
PO74G139A
DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
02/07/07
Test Waveforms
Test Circuit
50
50
500
500
15pF
to
2pF


Similar Part No. - PO74G139ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G139A POTATO-PO74G139A_14 Datasheet
1Mb / 6P
   DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
More results

Similar Description - PO74G139ATR

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G139A POTATO-PO74G139A_14 Datasheet
1Mb / 6P
   DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
logo
OPLINK Communications I...
AWGM1 OPLINK-AWGM1 Datasheet
278Kb / 3P
   ultiplexer/Demultiplexer
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com