Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO74G139ASU Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO74G139ASU
Description  DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO74G139ASU Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO74G139ASU Datasheet HTML 1Page - Potato Semiconductor Corporation PO74G139ASU Datasheet HTML 2Page - Potato Semiconductor Corporation PO74G139ASU Datasheet HTML 3Page - Potato Semiconductor Corporation PO74G139ASU Datasheet HTML 4Page - Potato Semiconductor Corporation PO74G139ASU Datasheet HTML 5Page - Potato Semiconductor Corporation PO74G139ASU Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright © Potato Semiconductor Corporation
74 Series GHz Logic
PO74G139A
DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
02/07/07
1
FEATURES:
. Patented technology
. Operating frequency up to 1.125GHz with 2pf load
. Operating frequency up to 800MHz with 5pf load
. Operating frequency up to 350MHz with 15pf load
. VCC Operates from 1.65V to 3.6V
. Propagation delay < 1.7ns max with 15pf load
. Low input capacitance: 4pf typical
. Available in 16 pin SOIC package
Pin Configuration
Logic Block Diagram
Pin Description
DESCRIPTION:
Potato Semiconductor’s PO74G139A is designed for
world top performance using submicron CMOS
technology to achieve 1.125GHz TTL /CMOS output
frequency with less than 1.7ns propagation delay.
This quadruple bus buffer gate is designed for 1.65-V
to 3.6-V VCC operation.
The PO74G139A comprises two individual 2-line to
4-line decoders in a single package. Theactive-
lowenable (G) input can be used as a data line in
demultiplexing applications. This decoder/ demulti-
plexer features fully buffered
inputs, each of which represents only one normalized-
load to itsdriving circuit.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
Select
Inputs
Select
Inputs
2B
2A
2G
1B
1A
1G
Data
Outputs
2Y3
2Y2
2Y1
2Y0
1Y3
1Y2
1Y1
1Y0
1
2
3
15
14
13
4
5
6
7
12
11
10
9
INPUTS
OUTPUTS
SELECT
G
B
A
Y3
Y2
Y1
Y0
L
L
L
H
H
H
L
L
L
H
H
H
L
H
L
H
L
H
L
H
H
L
H
H
L
H
H
H
H
X
X
H
H
H
H


Similar Part No. - PO74G139ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G139A POTATO-PO74G139A_14 Datasheet
1Mb / 6P
   DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
More results

Similar Description - PO74G139ASU

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO74G139A POTATO-PO74G139A_14 Datasheet
1Mb / 6P
   DUAL2-LINETO4-LINEDECODER/DEMULTIPLEXER
logo
OPLINK Communications I...
AWGM1 OPLINK-AWGM1 Datasheet
278Kb / 3P
   ultiplexer/Demultiplexer
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_07 Datasheet
261Kb / 12P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com