Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49HSTL3803T Datasheet(PDF) 3 Page - Potato Semiconductor Corporation

Part # PO49HSTL3803T
Description  3.3V 1:5 Differential to TTL Translator Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49HSTL3803T Datasheet(HTML) 3 Page - Potato Semiconductor Corporation

  PO49HSTL3803T Datasheet HTML 1Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 2Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 3Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 4Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 5Page - Potato Semiconductor Corporation PO49HSTL3803T Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Power Supply Characteristics
Symbol
Description
Test Conditions (1)
Min
Typ
Max
Unit
IccQ
Quiescent Power Supply Current
Vcc=Max, Vin=Vcc or GND
-
0.1
30
uA
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 3.3V, 25
°C ambient.
3. This parameter is guaranteed but not tested.
4. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
Capacitance
Parameters (1)
Description
Test Conditions
Typ
Max
Unit
Cin
Input Capacitance
Vin = 0V
3
4
pF
Cout
Output Capacitance
Vout = 0V
-
6
pF
Notes:
1 This parameter is determined by device characterization but not production tested.
Switching Characteristics
t
i
n
U
x
a
M
)
1
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
n
o
i
t
p
i
r
c
s
e
D
l
o
b
m
y
S
tPLH
Propagation Delay A to Bn
CL = 15pF
2.5
ns
tPHL
Propagation Delay A to Bn
CL = 15pF
2.5
ns
tr/tf
Rise/Fall Time
0.8V – 2.0V
1
ns
tsk(p)
Pulse Skew (Same Package)
CL = 15pF,V+ = 125MHz, V- = 1.5v
0.1
ns
tsk(o)
Output Pin to Pin Skew (Same Package)
CL = 15pF,V+ = 125MHz, V- = 1.5v
0.2
ns
tsk(pp) Output Skew (Different Package)
CL = 15pF,V+ = 125MHz, V- = 1.5v
0.4
ns
fmax
F
p
0
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
150
MHz
fmax
F
p
5
1
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
300
MHz
fmax
F
p
5
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
450
MHz
fmax
F
p
2
=
L
C
y
c
n
e
u
q
e
r
F
t
u
p
n
I
500
MHz
Notes:
1. See test circuits and waveforms.
2. tpLH, tpHL, tsk(p), and tsk(o) are production tested. All other parameters guaranteed but not production tested.
3. Airflow of 1m/s is recommended for frequencies above 133MHz
11/22/05
3.3V 1:5 Differential to TTL Translator Driver
Copyright © 2005, Potato Semiconductor Corporation
3
PO49HSTL3803
500MHz TTL/CMOS Potato Chip


Similar Part No. - PO49HSTL3803T

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3803A POTATO-PO49HSTL3803A Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803AQR POTATO-PO49HSTL3803AQR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803AQU POTATO-PO49HSTL3803AQU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803ATR POTATO-PO49HSTL3803ATR Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
PO49HSTL3803ATU POTATO-PO49HSTL3803ATU Datasheet
1Mb / 6P
   Potato Semiconductor?셲 PO49HSTL3803G is designed for world top performance using submicron CMOS technology to achieve 500MHz TTL output frequency with less than 100ps output pulse skew.
More results

Similar Description - PO49HSTL3803T

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49HSTL3802 POTATO-PO49HSTL3802 Datasheet
544Kb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3802G POTATO-PO49HSTL3802G_14 Datasheet
1Mb / 6P
   3.3V 1:5 Differential to TTL Translator Driver
PO49HSTL3807G POTATO-PO49HSTL3807G Datasheet
163Kb / 5P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807 POTATO-PO49HSTL32807 Datasheet
553Kb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL32807G POTATO-PO49HSTL32807G_14 Datasheet
1Mb / 6P
   3.3V 1:10 Differential to TTL Translator Driver
PO49HSTL3803G POTATO-PO49HSTL3803G_14 Datasheet
1Mb / 6P
   3.3V 1:7 Differential to TTL Translator Driver
logo
Micrel Semiconductor
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L_05 Datasheet
82Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22L MICREL-SY10ELT22L Datasheet
51Kb / 4P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY89222L MICREL-SY89222L Datasheet
42Kb / 5P
   3.3V DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com