Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO49FCT32807 Datasheet(PDF) 2 Page - Potato Semiconductor Corporation

Part # PO49FCT32807
Description  3.3V 1:10 CMOS Clock Buffered Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO49FCT32807 Datasheet(HTML) 2 Page - Potato Semiconductor Corporation

  PO49FCT32807 Datasheet HTML 1Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 2Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 3Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 4Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 5Page - Potato Semiconductor Corporation PO49FCT32807 Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maximum Ratings
DC Electrical Characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output High voltage
Vcc=3V Vin=VIH or VIL, IOH= -8mA
2.4
3
-
V
VOL
Output Low voltage
Vcc=3V Vin=VIH or VIL, IOH=12mA
-
0.4
0.5
V
VIH
Input High voltage
Guaranteed Logic HIGH Level (Input Pin)
2
-
Vcc
V
VIL
Input Low voltage
Guaranteed Logic LOW Level (Input Pin)
-0.5
-
0.8
V
IIH
Input High current
Vcc = 3.6V and Vin = 3.6V
-
-
1
uA
IIL
Input Low current
Vcc = 3.6V and Vin = 0V
-
-
-1
uA
VIK
Clamp diode voltage
Vcc = Min. And
IIN = -18mA
-
-0.7
-1.2
V
Rs
Series Resistor
22
Notes:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at Vcc = 3.3V, 25 °C ambient.
3.
This parameter is guaranteed but not tested.
4.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
5.
VoH = Vcc – 0.6V at rated current
Description
Max
Unit
Storage Temperature
-65 to 150
°C
Operation Temperature
-40 to 85
°C
Operation Voltage
-0.5 to +4.6
V
Input Voltage
-0.5 to Vcc+0.5
V
Output Voltage
-0.5 to Vcc+0.5
V
Note:
stresses greater than listed under
Maximum
Ratings
may
cause
permanent damage to the device. This
is a stress rating only and functional
operation of the device at these or any
other conditions above those indicated
in the operational sections of this
specification is not implied. Exposure
to absolute maximum rating conditions
for extended periods may affect
reliability specification is not implied.
11/22/05
3.3V 1:10 CMOS Clock Buffered Driver
Copyright © 2005, Potato Semiconductor Corporation
2
PO49FCT32807
400MHz TTL/CMOS Potato Chip


Similar Part No. - PO49FCT32807

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
PO49FCT32807G POMONA-PO49FCT32807G_14 Datasheet
1Mb / 6P
   400MHz Noise Cancellation TTL/CMOS Potato Chip
More results

Similar Description - PO49FCT32807

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO49FCT3807B POTATO-PO49FCT3807B Datasheet
637Kb / 7P
   3.3V Dual 1:10 CMOS Clock Buffered Driver
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G553A POTATO-PO74G553A Datasheet
538Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2308A POTATO-PO74G2308A Datasheet
609Kb / 7P
   3.3V 1:8 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
   3.3V 1:9 CMOS Clock Buffered Driver
PO74G304A POTATO-PO74G304A Datasheet
584Kb / 6P
   3.3V 1:4 CMOS Clock Buffered Driver
PO74G2305A POTATO-PO74G2305A Datasheet
394Kb / 5P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32803 POTATO-PO49FCT32803 Datasheet
549Kb / 6P
   3.3V 1:7 CMOS Clock Buffered Driver
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com