Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE3506 Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE3506
Description  White LED Step-Up Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE3506 Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE3506 Datasheet HTML 1Page - Seaward Electronics Inc. SE3506 Datasheet HTML 2Page - Seaward Electronics Inc. SE3506 Datasheet HTML 3Page - Seaward Electronics Inc. SE3506 Datasheet HTML 4Page - Seaward Electronics Inc. SE3506 Datasheet HTML 5Page - Seaward Electronics Inc. SE3506 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision 12/4/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 3
Application Hints
LED Current Control
The LED current is controlled by the feedback
resistor (R1). The feedback reference is internally
set at 95mV. The LED current is then determined by
the equation: 95mV/R1. In order to have accurate
LED current, precision resistors are preferred (1%
is recommended). The formula and table for R1
selection are shown below.
R1 = 95mV/ILED
R1 Resistor Value Selection
ILED (mA)
R1 (
Ω)
5
19.1
10
9.53
12
7.87
15
6.34
20
4.75
Open-Circuit Protection
In the cases of output open circuit, such as when
the LEDs are disconnected from the circuit or the
LEDs fail, the feedback voltage will drop to zero.
The SE3506 will then switch at a high duty cycle
resulting in a high output voltage, which may cause
the SW pin voltage to exceed its maximum 30V
rating. A Zener diode can be used at the output to
limit the voltage on the SW pin. The Zener voltage
should be larger than the maximum forward voltage
of the LED string. For example, a Four-LED string
can be protected by a Zener diode with a
breakdown voltage greater than 16V and less than
30V. The current rating of the zener should be
larger than 10mA.
Inductor Selection
A 10µH inductor is recommended for most SE3506
applications. Although small size and high efficiency
are major concerns, the inductor should have low
core losses at 1MHz and low DCR (copper wire
resistance). It should also be noted that the
Maximum current rating of the inductor should not
be exceeded in applications. Typically 100mA to
200mA rating is sufficient for most applications.
Capacitor Selection
The small size of ceramic capacitors makes them
ideal for SE3506 applications. X5R and X7R types
are recommended because they retain their
capacitance over wider voltage and temperature
ranges than other types such as Y5V or Z5U. A 1µF
input capacitor and a 1µF output capacitor are
sufficient for most SE3506 applications.
Diode Selection
Schottky diodes, with their low forward voltage drop
and fast reverse recovery, are the ideal choices for
SE3506 applications. The forward voltage drop of a
Schottky diode represents the conduction losses in
the diode, while the diode capacitance (C
T or CD)
represents the switching losses. For diode
selection, both forward voltage drop and diode
capacitance need to be considered. Schottky
diodes with higher current ratings usually have
lower forward voltage drop and larger diode
capacitance, which can cause significant switching
losses at the 1MHz switching frequency of the
SE3506. A Schottky diode rated at 100mA to
200mA is sufficient for most SE3506 applications.
LED Driver with Open-Circuit Protection


Similar Part No. - SE3506

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SE350 LITTELFUSE-SE350 Datasheet
656Kb / 3P
   Gas Discharge Tubes
Revised: 12/12/17
logo
Seaward Electronics Inc...
SE3505 SEAWARD-SE3505 Datasheet
926Kb / 9P
   1.9A Fixed Frequency White LED Driver
SE3505-LF SEAWARD-SE3505-LF Datasheet
926Kb / 9P
   1.9A Fixed Frequency White LED Driver
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
SE3507-LF SEAWARD-SE3507-LF Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
More results

Similar Description - SE3506

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
   White LED Step-Up Converter
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
   White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
   WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
   WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100 Datasheet
121Kb / 7P
   WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
   WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
   WHITE LED STEP-UP CONVERTER
AP3031 BCDSEMI-AP3031 Datasheet
340Kb / 16P
   WHITE LED STEP-UP CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com