Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PO3VT3305A Datasheet(PDF) 1 Page - Potato Semiconductor Corporation

Part # PO3VT3305A
Description  High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTATO [Potato Semiconductor Corporation]
Direct Link  http://www.potatosemi.com
Logo POTATO - Potato Semiconductor Corporation

PO3VT3305A Datasheet(HTML) 1 Page - Potato Semiconductor Corporation

  PO3VT3305A Datasheet HTML 1Page - Potato Semiconductor Corporation PO3VT3305A Datasheet HTML 2Page - Potato Semiconductor Corporation PO3VT3305A Datasheet HTML 3Page - Potato Semiconductor Corporation PO3VT3305A Datasheet HTML 4Page - Potato Semiconductor Corporation PO3VT3305A Datasheet HTML 5Page - Potato Semiconductor Corporation PO3VT3305A Datasheet HTML 6Page - Potato Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES:
DESCRIPTION:
• Patented technology
• High signal -3db passing bandwidth at 1.15GHz
• Near-Zero propagation delay
• VCC = 1.65V to 3.6V
• Ultra-Low Quiescent Power: 0.1µA typical
• Ideally suited for low power applications
3.3V to 2.2V level shifting
2.5V to 1.6V level shifting
• Industrial operating temperature: -40
°C to +85°C
• Available in 8pin TSSOP package
Potato Semiconductor’s PO3VT3305A is
designed for world top performance using
submicron CMOS technology to achieve GHz
high bandwidth.
The PO3VT3305A is a High-Bandwidth, Hot-
Insertion, 2-Bit, 2-Port, Low Voltage Translator
Bus Switch.PO3VT3305A can do voltage level
shifting from 3.3V to 2.2V or 2.5V to 1.6V.
The switch introduces no additional ground
bounce noise or propagation delay.
04/06/08
High-Bandwidth, Hot-Insertion,
2-Bit, 2-Port, Low Voltage Translator Bus Switch
Copyright © Potato Semiconductor Corporation
1
PO3VT3305A
High Bandwidth Potato Chip
Pin Configuration
Block Diagram
Pin Description
Truth Table
BE1
A1
B1
GND
VCC
BE2
B2
A2
Pin Name
Description
BEn
Switch Enable
A2-A1
Bus A
B2-B1
Bus B
VCC
Power
GND
Ground
BEn
An
Bn
VCC
Function
X
Hi-Z Hi-Z
GND
Disconnect
L
Hi-Z Hi-Z
V CC
Disconnect
H
Bn
An
V CC
Connect
BE1
A1
B1
BE2
A2
B2


Similar Part No. - PO3VT3305A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3VT3305A POTATO-PO3VT3305A_14 Datasheet
1Mb / 5P
   High Bandwidth Potato Chip
More results

Similar Description - PO3VT3305A

ManufacturerPart #DatasheetDescription
logo
Potato Semiconductor Co...
PO3VT3306A POTATO-PO3VT3306A Datasheet
570Kb / 6P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3VT3306A POTATO-PO3VT3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Signal Voltage Translator Bus Switch
PO3VT3245A POTATO-PO3VT3245A Datasheet
543Kb / 6P
   Hot Insertion 8-Bit, 2-Port, Low Voltage Translator Bus Switch
PO3B3305A POTATO-PO3B3305A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
PO3B3306A POTATO-PO3B3306A_14 Datasheet
1Mb / 5P
   High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port Bus Switch with Individual Enables
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com