Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5218ELG-LF Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5218ELG-LF
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218ELG-LF Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5218ELG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5218ELG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com.cn • Page 1
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Description
The SE5218 series of fixed output low dropout
linear regulators are designed for portable battery
powered applications, which require low noise
environment, fast enable response time, and low
dropout voltage. Each device contains a bandgap
voltage reference, an error amplifier, a PMOS power
transistor, and resistors for setting output voltage, and
current limit and temperature limit protection circuits.
The SE5218 has been designed to be used with
low cost capacitors and requires a minimum output
capacitor of 1.0μF. Standard voltage versions are
1.5, 1.8, 2.5, 2.8, 3.0, and 3.3V.
Pin Configuration
Features
Typical 175mV Dropout Voltage at 150mA.
Fast Enable Turn-On Time of 20μs (Typ.)
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Ultra-Low Ground Current at 65μA (Typ.)
Disable Current Less than 0.3μA (Typ.)
Thermal Protection.
Standard SOT-23-5L Packages.
Applications
USB removable devices
MPEG4 devices
Wireless LAN’s
Hand-Held Instrumentation.
Portable DVD players
Digital camera
Application Diagram


Similar Part No. - SE5218ELG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218ELG-LF SEAWARD-SE5218ELG-LF Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218ELG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com