Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5221BDLG-LF Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5221BDLG-LF
Description  Dual 200mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5221BDLG-LF Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5221BDLG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5221BDLG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Revision 9/4/2008
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com • Page 1
Dual 200mA CMOS
LDO Voltage Regulator
(Preliminary)
SE5221
Description
SE5221 is a dual-channel low dropout
regulator supplying up to 200mA at each channel.
The output voltages are selectable between
2.8V/3.3V for Channel-1 and 1.3V/1.8V for
Channel-2 with 3% accuracy.
The SE5221 uses internal PMOS transistors
as the pass devices to regulate the output voltages.
The IC consumes 120μA supply current when both
channels are turned on, and is nearly independent
of load currents and dropout conditions. The EN1
and EN2 pins allows for individual channel controls.
When both outputs are shut down simultaneously,
the chip will be turned off and consumes nearly zero
operating current which is suitable for battery-power
devices. Other features include a current limiting,
and over temperature protection.
Features
Typical 256mV Dropout Voltage at 200mA
Up to 200mA Output Current (Each Channel)
Low Ground Current at 120uA (Typ.)
Dual Shutdown Pins to Control Each Output
Current Limiting and Thermal Protection
Two LDOs in SOT-23-6L Package
100% Lead (Pb)-Free
Pin Configuration
Application
Cellular Phones.
Laptop, Notebook, and Palmtop Computers.
Battery-Powered Equipments.
Hand-held Equipments.
Wireless LAN Devices.
Application Diagram
EN1
EN2
GND
VIN
VOUT1
VOUT2
2.2uF
2.2uF
2.2uF
Chip enable
Chip enable
1
6
2
3
4
5
Ordering Information
SE5221 _ _ L G
Pin (1=>6):
G: Vout2/GND/EN2/EN1/VIN/VOUT1
L: SOT23-6L
D: VOUT2 = 1.8V
G: VOUT2 = 1.3V
A: VOUT1 = 3.3V
B: VOUT1 = 2.8V


Similar Part No. - SE5221BDLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5220 SEAWARD-SE5220 Datasheet
101Kb / 2P
   1.5A CMOS Ultra LDO Voltage
SE5220 SEAWARD-SE5220_10 Datasheet
168Kb / 7P
   1.5A CMOS Ultra LDO Voltage Regulator with EN
More results

Similar Description - SE5221BDLG-LF

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
   Dual Channel 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
   200mA/500mA Fixed Output Voltage LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com