Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5218BLG-LF Datasheet(PDF) 7 Page - Seaward Electronics Inc.

Part # SE5218BLG-LF
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218BLG-LF Datasheet(HTML) 7 Page - Seaward Electronics Inc.

  SE5218BLG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5218BLG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com.cn • Page 7
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Outline Drawing SOT-23-5L
Customer Support
Seaward Electronics Incorporated – China
Section B, 2nd Floor, ShangDi Scientific Office Complex, #22 XinXi Road
Haidian District, Beijing 100085, China
Tel: 86-10-8289-5700/01/05
Fax: 86-10-8289-5706
Seaward Electronics Corporation – Taiwan
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
Tel: 886-2-2712-0307
Fax: 886-2-2712-0191
Seaward Electronics Incorporated – North America
1512 Centre Pointe Dr.
Milpitas, CA95035, USA
Tel: 1-408-821-6600
Last Updated - 12/5/2008
B
K
A
F
D
E
C
H
J
MINMAX MINMAX
A
0.110 0.120
2.80
3.05
B
0.059 0.070
1.50
1.75
C
0.036 0.051
0.90
1.30
D
0.014 0.020
0.35
0.50
E
-
0.037
-
0.95
F
-
0.075
-
1.90
H
-
0.006
-
0.15
J
0.0035 0.008 0.090
0.20
K
0.102 0.118
2.60
3.00
DIM
N
INCHES
MM
DIMENSIONS


Similar Part No. - SE5218BLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218BLG-LF SEAWARD-SE5218BLG-LF Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218BLG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com