Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5218ALG-LF Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE5218ALG-LF
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218ALG-LF Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE5218ALG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5218ALG-LF Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com.cn • Page 3
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Electrical Characteristics
VIN =5V; VEN=VIN; CIN = 2.2μF; COUT = 2.2μF(
Electrolytic capacitor); IOUT = 10mA; TJ = 25°C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Accuracy
SE5218 – 1.5(VIN=3.3V)
SE5218 – 1.8(VIN=3.3V)
SE5218 – 2.5
SE5218 – 2.8
SE5218 – 3.0
SE5218 – 3.3
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
ΔVOUT
Line Regulation
VIN = (VOUT+1)V to 5.5V
--
1.0
--
%/V
IOUT = 10mA to
250mA
--
1.0
--
ΔVOUT
Load
Regulation
(5)
VIN = (VOUT+0.8)V
or 2.5V
IOUT = 10mA to
500mA
--
1.5
--
%
ΔVOUT/ΔT
Output Voltage
Temperature
Coefficient
Note 4
--
0.025
--
mV/°C
IOUT = 10mA
15
IOUT = 150mA
175
IOUT = 250mA
320
VIN – VOUT
Dropout
Voltage
(6)
IOUT = 400mA
600
mV
Thermal Protection Temperature
--
150
--
TPROTECTION
Thermal
Protection
Protection Hysterisys
--
20
--
°C
PSRR
Ripple
Rejection
f = 120 Hz
--
59
--
dB
VEN = 0.4V
--
0.3
--
IQ
Quiescent
Current
VEN = VIN
--
65
--
μA
Voltage Increasing, Output Turns On,
Logic High
1.6
--
--
VTH(EN)
Enable Input
Threshold
Voltage
Voltage Decreasing, Output Turns Off,
Logic Low
--
--
0.4
V
ILIMIT
Current Limit
--
800
--
mA


Similar Part No. - SE5218ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218ALG-LF SEAWARD-SE5218ALG-LF Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com