Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5167ALG-LF Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE5167ALG-LF
Description  300mA CMOS LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167ALG-LF Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE5167ALG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5167ALG-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 2
Ordering/Marking Information (Continued)
Package
Ordering Information
Marking Information
3.3V
SE5167ALN-LF
167AN_
2.8V
SE5167BLN-LF
167BN_
2.5V
SE5167CLN-LF
167CN_
1.8V
SE5167DLN-LF
167DN_
1.5V
SE5167ELN-LF
167EN_
3.0V
SE5167FLN-LF
167FN_
3.3V
SE5167ALG-LF
167AG_
2.8V
SE5167BLG-LF
167BG_
2.5V
SE5167CLG-LF
167CG_
1.8V
SE5167DLG-LF
167DG_
1.5V
SE5167ELG-LF
167EG_
3.0V
SE5167FLG-LF
167FG_
Starting with 1, a bar on top of 1 is
for production year 2001, and
underlined 1 is for year 2002. The
next character is marked on top for
2003, and underlined for 2004. The
naming pattern continues with
consecutive characters for later
years.
The last character is the week
code. (
A-Z: 1-26, a-z: 27-52)
A dot on top right corner is for
lead-free process.
LF: lead free.


Similar Part No. - SE5167ALG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167ALG-LF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Technology Corporat...
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com