Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5168 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE5168
Description  150mA CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5168 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE5168 Datasheet HTML 1Page - Seaward Electronics Inc. SE5168 Datasheet HTML 2Page - Seaward Electronics Inc. SE5168 Datasheet HTML 3Page - Seaward Electronics Inc. SE5168 Datasheet HTML 4Page - Seaward Electronics Inc. SE5168 Datasheet HTML 5Page - Seaward Electronics Inc. SE5168 Datasheet HTML 6Page - Seaward Electronics Inc. SE5168 Datasheet HTML 7Page - Seaward Electronics Inc. SE5168 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Revision 12/5/2008
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 1
SE5168
150mA CMOS LDO Regulator
Description
The SE5168 series of fixed output low dropout
linear regulators are designed for portable battery
powered applications, which require low dropout
voltage and low ground current.
Each device
contains a voltage reference unit, an error amplifier,
a PMOS power transistor, and resistors for setting
output voltage, and current limit and temperature
limit protection circuits.
The SE5168 has been designed to be used
with low cost capacitors and requires a minimum
output capacitor of 1.0μF. Standard voltage versions
are 1.5, 1.8, 2.5, 2.8, 3.0, and 3.3V.
Features
Typical Low Dropout Voltage of 200mV at
75mA.
Guaranteed 150mA output over the full
operating temperature range.
Excellent Line and Load Regulation.
High Accuracy Output Voltage of 2%.
Typical Low Ground Current at 50μA
Current Limiting and Thermal Protection.
Standard SOT-23-3L, TO-92, and SC70
(SOT-323-3L) Package.
Applications
Cellphones.
Wireless LAN’s.
Hand-Held Instrumentation.
Portable Video Game Devices.
Digital Cameras.
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
SE5168AHN
SE5168AHN
YYWW
2.8V
SE5168BHN
SE5168BHN
YYWW
2.5V
SE5168CHN
SE5168CHN
YYWW
1.8V
SE5168DHN
SE5168DHN
YYWW
1.5V
SE5168EHN
SE5168EHN
YYWW
3.0V
SE5168FHN
SE5168FHN
YYWW
3.3V
SE5168AHG
SE5168AHG
YYWW
2.8V
SE5168BHG
SE5168BHG
YYWW
2.5V
SE5168CHG
SE5168CHG
YYWW
1.8V
SE5168DHG
SE5168DHG
YYWW
1.5V
SE5168EHG
SE5168EHG
YYWW
3.0V
SE5168FHG
SE5168FHG
YYWW
YY: year code
WW: week code.


Similar Part No. - SE5168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166AHG ETC1-SE5166AHG Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166AHN ETC1-SE5166AHN Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166ALG ETC1-SE5166ALG Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
SE5166ALN ETC1-SE5166ALN Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
More results

Similar Description - SE5168

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
logo
List of Unclassifed Man...
SE5166 ETC1-SE5166 Datasheet
153Kb / 7P
   150mA CMOS LDO Regulator(Preliminary)
logo
California Micro Device...
CM3112 CALMIRCO-CM3112 Datasheet
277Kb / 14P
   150mA/1.2V CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6166 ETC2-CYT6166 Datasheet
1Mb / 7P
   150mA CMOS LDO Regulator (Preliminary)
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
RICOH electronics devic...
R1183Z RICOH-R1183Z Datasheet
407Kb / 26P
   150mA LDO REGULATOR
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com